Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYL1620

  • AI
    The **PBYL1620** is a specific type of power semiconductor device, specifically a **Dual Schottky Barrier Rectifier**. It is widely used in power management circuits due to its high efficiency and fast switching speeds. --- ## 1. Technical Specifications The part number "1620" typically denotes its rating: a maximum current of **16A** and a maximum reverse voltage of **20V**. | Parameter | Specification | | :--- | :--- | | **Component Type** | Schottky Barrier Diode (Dual) | | **Max Average Forward Current ($I_{F(AV)}$)** | 16A (Total) / 8A (Per Diode) | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 20V | | **Forward Voltage Drop ($V_F$)** | ~0.4V to 0.5V (Low Power Loss) | | **Configuration** | Common Cathode (typically) | | **Package Style** | TO-220AB (3-pin through-hole) | --- ## 2. Key Internal Characteristics The PBYL1620 is built using a metal-to-silicon junction rather than a P-N junction. This provides several advantages: * **Low Forward Voltage:** Because the voltage drop is significantly lower than a standard silicon diode (0.4V vs 0.7V), it generates less heat and wastes less energy. * **High Switching Speed:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-frequency applications. * **Guard Ring Protection:** Most "PBYL" series parts include an internal guard ring for stress protection and improved reliability against high voltage transients. --- ## 3. Typical Applications The PBYL1620 is generally found in circuits where power efficiency and heat management are critical: 1. **Switched-Mode Power Supplies (SMPS):** Used as output rectifiers to convert high-frequency AC back to DC. 2. **Freewheeling Diodes:** Used to protect circuits from voltage spikes generated by inductive loads (motors, solenoids). 3. **Battery Isolation:** Used in solar chargers or battery backups to prevent reverse current flow with minimal voltage loss. 4. **Low Voltage Inverters:** Ideal for high-current, low-voltage rectification. --- ## 4. Pin Configuration (TO-220) In the standard TO-220 package, the pins are usually arranged as follows: | Pin Number | Function | | :--- | :--- | | **Pin 1** | Anode 1 | | **Pin 2** | Common Cathode (Connected to mounting tab) | | **Pin 3** | Anode 2 | ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PBYL1620 and a standard P-N junction diode?
    • ⤷ Can the PBYL1620 be used in circuits exceeding 20V?
    • ⤷ How does the common cathode configuration benefit circuit design?