Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYL2025B

  • AI
    The **PBYL2025B** is a high-performance Power Schottky Rectifier commonly used in power supplies, converters, and protection circuits. It is designed for high-frequency switching and low power loss. --- ### 1. Key Technical Specifications The part number typically provides information about its voltage and current ratings. Below are the primary electronic characteristics: | Characteristic | Parameter | Typical Value | | :--- | :--- | :--- | | **Type** | Rectifier Class | Schottky Barrier Diode | | **Forward Current ($I_{F(AV)}$)** | Average Rectified Current | 20 Amperes | | **Reverse Voltage ($V_{RRM}$)** | Peak Repetitive Reverse Voltage | 250 Volts | | **Forward Voltage ($V_F$)** | Voltage Drop at 20A | ~0.85V to 0.95V | | **Operating Temp ($T_j$)** | Junction Temperature | -65°C to +175°C | | **Package Type** | Physical Housing | TO-220AC or similar | --- ### 2. Major Features The "Schottky" technology inside this component offers distinct advantages over standard silicon diodes: * **Low Forward Voltage Drop:** Minimizes power dissipation, leading to higher efficiency in power conversion. * **Ultrafast Switching:** Since Schottky diodes are unipolar devices, they have negligible reverse recovery time ($t_{rr}$), making them ideal for high-frequency applications. * **Guard Ring Protection:** Most PBYL series diodes include an internal guard ring for stress protection and long-term reliability against high voltage transients. * **High Junction Temperature:** Rated for operation up to 175°C, providing a safety margin in hot environments. --- ### 3. Application Use-Cases In electronic circuits, the PBYL2025B is typically found in the following roles: 1. **Switching Mode Power Supplies (SMPS):** Used on the output stage to rectify high-frequency AC into DC. 2. **DC-DC Converters:** Acts as a "freewheeling" diode to maintain current flow when a switch is turned off. 3. **Reverse Polarity Protection:** Protects sensitive electronics from damage if a battery or DC source is connected backward. 4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails. --- ### 4. Pin Configuration (TO-220AC) The device is usually a two-terminal device housed in a three-lead style package (where one lead may be missing or truncated): ```text Pin 1: Cathode (K) - Often connected to the mounting tab Pin 2: Anode (A) Tab: Cathode (K) - Metal backing for heatsinking ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PBYL2025B and a standard PN junction diode?
    • ⤷ How does the 250V rating affect its leakage current compared to lower voltage Schottky diodes?
    • ⤷ What type of heatsink is recommended for a 20A load on this device?