Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYL2520CT

  • AI
    The **PBYL2520CT** is a high-performance **Schottky Barrier Rectifier** diode. It is primarily designed for high-frequency switching power supplies, free-wheeling diodes, and polarity protection applications. --- ### 1. Key Technical Specifications The part number follows standard semiconductor naming conventions where "25" usually refers to current and "20" to voltage. | Parameter | Value | Description | | :--- | :--- | :--- | | **Configuration** | Dual / Common Cathode | Two diodes sharing a single cathode pin | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 25 A | Total current for both diodes (12.5A per leg) | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 20 V | The maximum voltage it can block in reverse | | **Forward Voltage Drop ($V_F$)** | ~0.45 V - 0.50 V | Low voltage drop compared to standard diodes | | **Package Type** | TO-220AB | Standard through-hole power package | --- ### 2. Internal Structure and Pinout The PBYL2520CT is a **Common Cathode** device. This means it contains two diodes inside one package, which is ideal for "Full Wave" rectification. * **Pin 1:** Anode 1 * **Pin 2 / Tab:** Cathode (Common) * **Pin 3:** Anode 2 --- ### 3. Core Features & Benefits * **Schottky Technology:** Unlike standard PN junction diodes, Schottky diodes use a metal-semiconductor junction. This results in much faster switching speeds and lower power loss. * **Low Forward Voltage:** The low $V_F$ ensures high efficiency and minimal heat generation during operation. * **Guard Ring Protection:** Most PBYL series diodes include an internal guard ring for stress protection and long-term reliability against high-voltage transients. * **High Junction Temperature:** Capable of operating at elevated temperatures (typically up to 150°C). --- ### 4. Typical Applications 1. **Switched-Mode Power Supplies (SMPS):** Used on the output stage to rectify high-frequency AC into DC. 2. **DC-DC Converters:** Acts as a high-speed switch to maintain efficiency. 3. **Battery Isolation:** Prevents backflow of current in battery-charging circuits. 4. **Free-wheeling Diode:** Protects circuits from inductive spikes in motor controllers. --- ### 5. Implementation Example In a typical center-tap transformer circuit, the PBYL2520CT allows for compact rectification: ```text Transformer Secondary (Center Tap) Terminal A ----|>|---- (Pin 1) (Pin 2) ----> DC Positive Output Terminal B ----|>|---- (Pin 3) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a Schottky diode like the PBYL2520CT and a standard recovery diode?
    • ⤷ Can the PBYL2520CT be used in a 24V power supply system?
    • ⤷ How does the forward voltage drop change as the operating temperature increases?