Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYL2525CT

  • AI
    ## Overview of PBYL2525CT The **PBYL2525CT** is a high-performance **Schottky Barrier Diode** typically housed in a TO-220AB package. It is designed for use in switched-mode power supplies (SMPS), free-wheeling diodes, and polarity protection circuits. --- ### Key Technical Specifications The following table summarizes the primary electrical characteristics of the PBYL2525CT: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 25 | V | | **Average Rectified Forward Current** | $I_{F(AV)}$ | 25 (Total) | A | | **Forward Voltage Drop (at 25A)** | $V_F$ | ~0.50 | V | | **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C | | **Configuration** | Dual | Common Cathode | - | --- ### Internal Structure and Design The "CT" suffix indicates a **Common Cathode** configuration. Inside the TO-220 package, there are two individual Schottky diodes sharing a single cathode terminal (the center pin and the mounting tab). 1. **Pin 1:** Anode 1 2. **Pin 2:** Cathode (Common) 3. **Pin 3:** Anode 2 #### Advantages of Schottky Technology * **Low Forward Voltage:** Because it utilizes a metal-semiconductor junction rather than a P-N junction, the energy loss during conduction is significantly lower. * **Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-frequency applications where standard diodes would overheat. --- ### Common Applications The PBYL2525CT is widely utilized in power electronics due to its efficiency: * **Low Voltage Rectification:** Converting AC to DC in low-voltage power adapters. * **OR-ing Diodes:** Used in redundant power supply systems to prevent backflow. * **Freewheeling:** Protecting transistors from inductive spikes in motor drivers. * **Battery Charging:** Preventing battery discharge through the charging circuit when the source is inactive. --- ### Thermal Considerations When operating at the full 25A rating, heat dissipation is critical. * **Heat Sinking:** The metal tab of the TO-220 package is electrically connected to the cathode. It should be mounted to a heat sink using thermal paste. * **Derating:** As the junction temperature increases, the reverse leakage current also increases, which can lead to thermal runaway if not properly managed.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Schottky diode like the PBYL2525CT and a standard silicon diode?
    • ⤷ Can the two anodes of the PBYL2525CT be wired in parallel to handle more current?
    • ⤷ What are the common alternatives or equivalents to the PBYL2525CT?