Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYL3020CT

  • AI
    The **PBYL3020CT** is a high-performance Schottky Barrier Rectifier diode commonly used in power management and switching applications. It is designed for low power loss and high efficiency. --- ## 1. Technical Specifications Below are the primary electrical characteristics of the PBYL3020CT: | Parameter | Value | Description | | :--- | :--- | :--- | | **$V_{RRM}$** | 20V | Peak Repetitive Reverse Voltage | | **$I_{F(AV)}$** | 30A | Average Rectified Forward Current (Total) | | **$I_{F(AV)}$ per Diode** | 15A | Current capacity per individual leg | | **$V_F$ (Max)** | ~0.45V - 0.50V | Maximum Forward Voltage Drop | | **Package Type** | TO-220AB | Standard 3-pin power package | | **Configuration** | Dual Common Cathode | Two diodes sharing a center pin | --- ## 2. Key Features * **Low Forward Voltage Drop:** Because it is a Schottky diode, it has a much lower $V_F$ compared to standard silicon diodes, reducing heat dissipation. * **Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-frequency circuits. * **Guard Ring Protection:** Most variants include a guard ring for stress protection and long-term reliability. * **Dual Diode Architecture:** The "CT" suffix typically indicates a **Common Cathode** center tap configuration, allowing it to be used in full-wave rectification with fewer components. --- ## 3. Pin Configuration (TO-220AB) Looking at the front of the component (metal tab at the back): 1. **Pin 1 (Anode 1):** Input for the first diode. 2. **Pin 2 (Cathode):** Common output (connected to the mounting tab). 3. **Pin 3 (Anode 2):** Input for the second diode. --- ## 4. Typical Applications * **Switched Mode Power Supplies (SMPS):** Used for output rectification. * **DC-DC Converters:** High-frequency step-down (Buck) or step-up (Boost) converters. * **Free-wheeling Diodes:** Protecting circuits from inductive spikes in motor drivers. * **Reverse Polarity Protection:** Protecting sensitive electronics from battery reversal. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Schottky diode and a standard PN junction diode?
    • ⤷ Can I use the PBYL3020CT in a 24V circuit?
    • ⤷ How do I calculate the heat sink requirements for this diode at 30A?