Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYL3025CT

  • AI
    The **PBYL3025CT** is a high-performance Schottky Barrier Rectifier diode. It is commonly used in power supply circuits due to its low forward voltage drop and fast switching capabilities. ### 1. Technical Specifications The following table outlines the primary electrical characteristics of the PBYL3025CT: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 25 | V | | **Average Forward Current** | $I_{F(AV)}$ | 30 (15 per diode) | A | | **Peak Forward Surge Current** | $I_{FSM}$ | 200 | A | | **Forward Voltage Drop** | $V_F$ | ~0.45 - 0.50 | V | | **Operating Temperature** | $T_j$ | -65 to +150 | °C | | **Package Type** | - | TO-220AB | - | --- ### 2. Key Features * **Dual Diode Configuration:** It typically features a **Common Cathode** configuration (two diodes sharing a center pin), allowing it to handle rectification for both halves of a cycle in a compact space. * **Low Power Loss:** Because it is a Schottky diode, it has a much lower forward voltage ($V_F$) compared to standard silicon diodes, leading to higher efficiency and less heat generation. * **High Speed:** It exhibits negligible reverse recovery time, making it ideal for high-frequency switching applications. * **Guard Ring Protection:** Internal guard rings provide stress protection and improve long-term reliability against high voltages. --- ### 3. Common Applications The PBYL3025CT is designed for power management in various electronic systems: 1. **Switched-Mode Power Supplies (SMPS):** Used as an output rectifier to convert AC/High-frequency pulses to DC. 2. **DC-DC Converters:** Acts as a "freewheeling" diode to maintain current flow when switches are off. 3. **Battery Chargers:** Prevents reverse current flow and manages high-current charging cycles. 4. **Reverse Polarity Protection:** Protects sensitive circuits from damage if a battery or power source is connected backwards. --- ### 4. Pin Configuration (TO-220AB) In a standard TO-220 package, the pins are usually assigned as follows: * **Pin 1:** Anode (Diode 1) * **Pin 2 / Tab:** Cathode (Common) * **Pin 3:** Anode (Diode 2)
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Schottky diode and a standard PN junction diode in terms of efficiency?
    • ⤷ How do I calculate the heat sink requirements for a PBYL3025CT at 20A?
    • ⤷ Can the PBYL3025CT be used in 48V systems?