Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR

  • AI
    The prefix **PBYR** typically refers to a specific series of **Schottky Barrier Rectifiers** (diodes) originally manufactured by companies like Philips (now Nexperia) or WeEn Semiconductors. These parts are designed for high-frequency switching and low power loss. --- ### 1. What is a PBYR Component? The PBYR series consists of power diodes that utilize a Schottky barrier. Unlike standard PN-junction diodes, these use a metal-semiconductor junction, which allows for significantly faster switching speeds and lower forward voltage drops ($V_F$). ### 2. Key Technical Specifications Below is a general technical overview of the PBYR series (e.g., PBYR1045, PBYR20100): | Feature | Characteristics | | :--- | :--- | | **Material** | Epitaxial Schottky barrier (Silicon) | | **Forward Voltage ($V_F$)** | Typically very low (0.4V to 0.8V depending on current) | | **Switching Speed** | Ultra-fast (nanosecond range) | | **Reverse Recovery** | Negligible charge storage | | **Packages** | Common in TO-220, D2PAK, and SOT-223 | ### 3. Common Model Examples The numbering usually indicates the current and voltage rating. For example: * **PBYR1045:** 10 Ampere, 45 Volt Schottky Diode. * **PBYR20100:** 20 Ampere, 100 Volt Schottky Diode. * **PBYR2545CT:** 25 Ampere, 45 Volt, Center-Tap (dual diode in one package). --- ### 4. Typical Applications Because of their efficiency and speed, PBYR parts are used in the following circuits: 1. **Switched-Mode Power Supplies (SMPS):** Used as output rectifiers to convert high-frequency AC back to DC. 2. **DC-DC Converters:** Essential for "Buck" or "Boost" converters to minimize heat dissipation. 3. **Polarity Protection:** Used to protect circuits from battery reversal with minimal voltage loss. 4. **Freewheeling Diodes:** Used in motor control circuits to suppress voltage spikes. --- ### 5. Code Example: Basic Diode Protection Logic In a digital system monitoring a power rail using a PBYR diode, you might use code to check if the voltage is within a safe range after the diode drop: ```python def check_power_rail(input_voltage, diode_drop=0.45): # PBYR diodes have a typical drop of 0.4V - 0.6V actual_voltage = input_voltage - diode_drop if actual_voltage < 4.75: return "Undervoltage Warning" elif actual_voltage > 5.25: return "Overvoltage Warning" else: return "Power Stable" print(check_power_rail(5.0)) # Output: Power Stable ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a PBYR Schottky diode and a standard 1N4007 diode?
    • ⤷ How do I calculate the heat dissipation for a PBYR20100 in a circuit?
    • ⤷ What are the common failure modes for PBYR series components?