Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR1045CTD

  • AI
    The **PBYR1045CTD** is a high-performance Schottky rectifier diode. It is commonly used in power supply circuits due to its low forward voltage drop and high switching speed. --- ## 1. Technical Specifications The part number follows a standard naming convention where the numbers typically represent the current and voltage ratings. | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | Schottky Barrier Diode | Uses a metal-semiconductor junction | | **Configuration** | Dual (Common Cathode) | Two diodes sharing a center pin | | **Max Average Current ($I_{F(AV)}$)** | 10 A | 5A per diode (total 10A) | | **Max Reverse Voltage ($V_{RRM}$)** | 45 V | Maximum repetitive peak reverse voltage | | **Forward Voltage ($V_F$)** | ~0.55 V | Low power loss during conduction | | **Package Type** | DPAK (TO-252) | Surface-mount power package | --- ## 2. Pin Configuration The device is a three-terminal surface-mount component arranged in a **Common Cathode** configuration. 1. **Anode 1:** Connected to the first diode. 2. **Cathode:** Connected to the center tab/lead (shared by both diodes). 3. **Anode 2:** Connected to the second diode. --- ## 3. Key Features and Benefits * **Low Switching Losses:** Schottky diodes have no "reverse recovery time" ($t_{rr}$) in the traditional sense, making them ideal for high-frequency switching. * **High Efficiency:** The low forward voltage ($V_F$) minimizes heat generation and energy waste. * **Guard Ring Protection:** Most PBYR series diodes include an internal guard ring for stress protection and improved reliability against high voltages. * **Surface Mount:** The DPAK housing allows for automated assembly and good thermal dissipation through the PCB. --- ## 4. Common Applications This component is typically found in: * **Switch Mode Power Supplies (SMPS):** Used for output rectification. * **DC-DC Converters:** Acts as a freewheeling diode. * **Battery Protection:** Prevents reverse polarity damage. * **OR-ing Diodes:** Used in redundant power systems to combine two power sources.
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the PBYR1045CTD in high-current applications?
    • ⤷ How does a Schottky diode differ from a standard silicon PN junction diode?
    • ⤷ Can I use the PBYR1045CTD in AC-to-DC bridge rectifiers?