Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR1045D

  • AI
    The **PBYR1045D** is a high-performance Schottky Barrier Rectifier diode. It is commonly used in power management circuits due to its low forward voltage drop and fast switching capabilities. --- ### 1. Key Technical Specifications The part number follows a standard naming convention where "10" usually refers to the current rating and "45" to the voltage rating. | Parameter | Value | Description | | :--- | :--- | :--- | | **Forward Current ($I_{F(AV)}$)** | 10 A | Maximum average rectified forward current. | | **Reverse Voltage ($V_{RRM}$)** | 45 V | Maximum repetitive peak reverse voltage. | | **Forward Voltage ($V_F$)** | ~0.57 V | Typical voltage drop at rated current (low heat loss). | | **Package Type** | DPAK (TO-252) | Surface mount power package. | | **Operating Temp** | Up to 150°C | Maximum junction temperature. | --- ### 2. Physical Construction & Internal Logic The PBYR1045D is a **Schottky Diode**, which differs from standard PN-junction diodes: * **Metal-Semiconductor Junction:** Instead of a P-type and N-type silicon junction, it uses a metal-to-silicon contact. * **Majority Carrier Device:** This eliminates the "reverse recovery time" ($t_{rr}$) associated with minority carrier recombination, making it extremely fast. * **Heat Dissipation:** The DPAK package features a large center tab (Cathode) designed to be soldered to a PCB copper plane to act as a heat sink. --- ### 3. Common Applications Due to its efficiency and speed, this component is found in: 1. **Switched-Mode Power Supplies (SMPS):** Used as an output rectifier to convert high-frequency AC to DC. 2. **DC-DC Converters:** Acts as a "freewheeling diode" to protect switches from inductive spikes. 3. **Battery Protection:** Prevents reverse polarity damage in battery-operated devices. 4. **Solar Panels:** Used as a bypass diode to prevent backflow of current during shading. --- ### 4. Circuit Symbol and Pinout ```text [ K ] <-- Tab (Cathode) / \ | | [A] [K] (1) (3) Pin 1: Anode Pin 2/Tab: Cathode Pin 3: Cathode (connected to tab) ```
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using a Schottky diode over a standard silicon diode?
    • ⤷ How do I calculate the heat dissipation requirements for the PBYR1045D in a circuit?
    • ⤷ What is an equivalent alternative part if the PBYR1045D is out of stock?