Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR1540CT

  • AI
    The **PBYR1540CT** is a high-performance Schottky barrier rectifier diode. It is commonly used in power supplies and circuit protection due to its low forward voltage drop and fast switching capabilities. --- ### 1. General Specifications The part number follows a standard nomenclature where the numbers typically indicate the current and voltage ratings. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Diode Type** | Schottky Barrier | Metal-semiconductor junction for high speed. | | **Configuration** | Dual Common Cathode | Two diodes sharing a single cathode pin. | | **Max Average Rectified Current** | 15A | Total current for both diodes (7.5A per leg). | | **Max Repetitive Peak Reverse Voltage** | 40V | The maximum voltage it can block in reverse. | | **Forward Voltage Drop ($V_F$)** | ~0.5V to 0.6V | Low power loss during conduction. | | **Package Type** | TO-220AB | Three-pin through-hole power package. | --- ### 2. Internal Configuration The PBYR1540CT features a **Common Cathode** arrangement. This means the two internal diodes are connected at the center pin (Pin 2). * **Pin 1:** Anode 1 * **Pin 2:** Cathode (Connected to the mounting tab) * **Pin 3:** Anode 2 ```text (Anode 1) (Cathode) (Anode 2) | | | --+-- --+-- --+-- | | | +----|>|---+---|<|----+ ``` --- ### 3. Key Electronic Characteristics * **Low Power Loss:** Because it is a Schottky diode, it has a lower forward voltage ($V_F$) than standard silicon diodes (0.7V - 1.1V). This results in higher efficiency and less heat. * **Fast Switching:** Schottky diodes have negligible reverse recovery time, making them ideal for high-frequency switching applications. * **Guard Ring Protection:** Most PBYR series diodes include an internal guard ring for stress protection and long-term reliability against high-voltage transients. --- ### 4. Common Applications Due to its 15A rating and 40V limit, it is frequently found in: 1. **Switching Mode Power Supplies (SMPS):** Used for output rectification. 2. **DC-DC Converters:** High-frequency step-down (Buck) converters. 3. **Free-Wheeling Diodes:** Protecting circuits from inductive "kickback" in motor controllers. 4. **Reverse Polarity Protection:** Preventing damage if a battery or power source is connected backward.
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for a PBYR1540CT at full 15A load?
    • ⤷ Can I use this diode in a 48V circuit?
    • ⤷ What is the difference between a Schottky diode and a standard recovery diode?