PBYR1545CTF
AI

## Technical Overview: PBYR1545CTF
The **PBYR1545CTF** is a high-performance Schottky barrier rectifier diode. It is designed for high-frequency switching and low-loss power rectification. It typically comes in a **TO-220F (Full Pack)** plastic package, which is isolated to prevent electrical shorts between the heatsink and the device terminals.
---
### 1. Key Technical Specifications
The part number provides a shorthand for its primary ratings:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **$V_{RRM}$** | 45V | Repetitive Peak Reverse Voltage |
| **$I_{F(AV)}$** | 15A | Total Average Forward Current (7.5A per diode) |
| **$V_F$** | ~0.57V | Low Forward Voltage Drop (at rated current) |
| **$T_j$** | 150°C | Maximum Junction Temperature |
| **Configuration** | Dual | Common Cathode arrangement |
---
### 2. Internal Construction
The PBYR1545CTF is a **dual-diode** component. It contains two Schottky diodes sharing a single cathode connection.
* **Pin 1:** Anode 1
* **Pin 2:** Common Cathode (Connected to the center lead)
* **Pin 3:** Anode 2
The Schottky barrier technology uses a metal-to-silicon junction rather than a P-N junction. This results in much faster switching speeds and a significantly lower forward voltage drop compared to standard silicon diodes.
---
### 3. Benefits of the "CTF" Variant
The **"F"** suffix usually denotes the **Full Pack (TO-220F)**.
* **Electrical Isolation:** The mounting tab is encapsulated in plastic. You do not need an external mica insulator when mounting it to a metal heatsink.
* **Lower Parasitic Capacitance:** Ideal for high-speed power supply designs.
---
### 4. Typical Applications
Because of its high efficiency and fast recovery times, it is commonly used in:
1. **Switched-Mode Power Supplies (SMPS):** Output rectification for DC/DC converters.
2. **Free-Wheeling Diodes:** Protecting circuits from inductive spikes in motor controllers.
3. **ORing Diodes:** Used in redundant power supply systems to prevent backflow.
4. **Battery Chargers:** Efficiently managing charging current with minimal heat loss.
---
### 5. Circuit Symbol
```mermaid
graph LR
A[Anode 1] --> D1|Diodes| C[Common Cathode]
B[Anode 2] --> D2|Diodes| C
```
- ⤷What is the difference between a Schottky diode and a standard recovery diode?
- ⤷ How does temperature affect the forward voltage drop of the PBYR1545CTF?
- ⤷ Can I use this diode in a circuit exceeding 45V?