Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR1645B

  • AI
    The **PBYR1645B** is a high-performance **Schottky Barrier Diode** specifically designed for high-frequency switching applications and power management. It is known for its low forward voltage drop and fast switching speed. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the PBYR1645B: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 V | | **Average Forward Current** | $I_{F(AV)}$ | 16 A | | **Forward Voltage Drop** (at 16A) | $V_F$ | ~0.57 V | | **Peak Forward Surge Current** | $I_{FSM}$ | 150 A | | **Operating Junction Temperature** | $T_j$ | -65 to +150 °C | | **Package Type** | Package | D2PAK (SOT404) | --- ### 2. Physical and Structural Characteristics - **Schottky Barrier Technology:** Unlike standard PN junction diodes, it uses a metal-to-semiconductor junction. This results in a much lower forward voltage drop and nearly zero recovery time. - **D2PAK (Surface Mount):** The "B" suffix usually denotes the surface-mount version (D2PAK). This package is designed for automated assembly and features a large metal tab for efficient heat dissipation to the PCB. - **Guard Ring:** Most PBYR series diodes include an internal guard ring for stress protection and improved long-term reliability against high-voltage transients. --- ### 3. Key Advantages 1. **High Efficiency:** The low $V_F$ (Forward Voltage) reduces power loss, making it ideal for battery-powered or energy-efficient devices. 2. **Fast Switching:** Schottky diodes are "majority carrier" devices, meaning they have negligible reverse recovery charge ($Q_{rr}$), allowing them to switch at very high frequencies (MHz range). 3. **High Current Density:** Capable of handling up to 16 Amperes in a relatively compact footprint. --- ### 4. Common Applications - **Switch-Mode Power Supplies (SMPS):** Used as output rectifiers to convert high-frequency AC/Square waves to DC. - **DC-DC Converters:** Acts as a "freewheeling" or "catch" diode in buck/boost converters. - **Reverse Polarity Protection:** Protects sensitive circuits from damage if the battery or power source is connected backwards. - **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power rails. ---
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the PBYR1645B and a standard silicon diode like the 1N4007?
    • ⤷ How does temperature affect the leakage current of the PBYR1645B?
    • ⤷ Can the PBYR1645B be used in AC-to-DC mains rectification?