Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR1645X

  • AI
    ## PBYR1645X: Schottky Barrier Rectifier Diode The **PBYR1645X** is a high-performance Schottky barrier diode designed for high-frequency switching and low-voltage power applications. It is characterized by its low forward voltage drop and fast switching speeds. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **$V_{RRM}$** | 45 V | Maximum repetitive peak reverse voltage | | **$I_{F(AV)}$** | 16 A | Average forward rectified current | | **$V_F$** | ~0.5 - 0.6 V | Typical forward voltage drop at rated current | | **$T_j$** | 150 °C | Maximum operating junction temperature | | **Package** | SOD113 / TO-220F | Fully isolated plastic package | --- ### 2. Major Features * **Low Forward Voltage Drop:** Minimizes power dissipation, making the component highly efficient. * **Fast Switching:** Schottky technology allows for negligible reverse recovery time ($t_{rr}$), suitable for high-frequency operations. * **Isolated Package:** The "X" suffix usually denotes an isolated package (like TO-220F), which allows the diode to be mounted directly to a heatsink without needing additional insulation. * **Guard Ring Protection:** Includes an internal guard ring for stress protection and high reliability against transient over-voltages. --- ### 3. Internal Construction and Working Unlike standard P-N junction diodes, the PBYR1645X uses a **Metal-Semiconductor junction**. This construction results in: 1. **Majority Carrier Conduction:** No charge storage, leading to faster switching. 2. **Lower Barrier Potential:** Current flows with less resistance compared to silicon diodes. --- ### 4. Common Applications * **Switched Mode Power Supplies (SMPS):** Used in the output rectification stage. * **DC-DC Converters:** Acts as a freewheeling diode to protect components and maintain current flow. * **Polarity Protection:** Prevents damage to circuits if batteries or power sources are connected backward. * **Low Voltage Inverters:** Efficiently handles high currents in battery-operated devices. ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the PBYR1645X at full load?
    • ⤷ How does the 'X' variant compare to the standard PBYR1645 in terms of electrical isolation?
    • ⤷ What is the typical leakage current for this diode at maximum reverse voltage?