Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR2

  • AI
    Based on your query, it appears you are referring to the **PBYR20** series (specifically the PBYR2045CT or similar), which is a popular family of Schottky barrier rectifiers commonly used in power electronics. --- ## 1. Overview of PBYR2045CT Series The PBYR series consists of **Schottky Barrier Rectifier** diodes. These are primarily used for fast switching and low power loss applications. They are usually housed in a TO-220 package and often contain two diodes with a common cathode. ### Technical Specifications | Parameter | typical Value (e.g., PBYR2045) | Description | | :--- | :--- | :--- | | **$V_{RRM}$** | 40V - 45V | Peak Repetitive Reverse Voltage | | **$I_{F(AV)}$** | 20A | Average Forward Current (Total) | | **$V_{F}$** | ~0.6V | Forward Voltage Drop | | **$T_{j}$** | 150°C | Maximum Junction Temperature | | **Package** | TO-220AB | Standard 3-pin through-hole package | --- ## 2. Key Internal Features These electronic parts are designed with specific physical characteristics to handle high-frequency power conversion: * **Schottky Barrier Construction:** Unlike standard PN junction diodes, these use a metal-to-semiconductor junction. This results in a much lower forward voltage drop and faster switching speeds. * **Dual Diode Configuration:** Most "CT" suffixed parts have two diodes connected at the center pin (Pin 2). * **Guard Ring:** Includes an internal guard ring for stress protection and long-term reliability against high voltage transients. ### Pinout Configuration ```text TO-220 Front View _________________ | [ ] | <-- Tab (Connected to Pin 2) |_________________| | | | 1 2 3 Anode 1 Cathode Anode 2 ``` --- ## 3. Common Applications Due to their low switching losses, the PBYR series is found in the following circuits: 1. **Switched-Mode Power Supplies (SMPS):** Used on the secondary output stage for rectification. 2. **Freewheeling Diodes:** Protects circuits from voltage spikes in motor drivers and relay circuits. 3. **DC/DC Converters:** High-frequency step-up or step-down converters. 4. **Reverse Polarity Protection:** Protecting sensitive electronics from battery reversal. --- ## 4. Comparison: Schottky vs. Standard Rectifiers | Feature | Schottky (PBYR) | Standard (Silicon) | | :--- | :--- | :--- | | **Switching Speed** | Ultra-Fast | Slow to Moderate | | **Voltage Drop** | Low (0.3V - 0.6V) | High (0.7V - 1.1V) | | **Reverse Leakage** | Relatively High | Very Low | | **Efficiency** | High | Lower |
    ✨ Follow-up Questions
    • ⤷What is the difference between PBYR2045 and PBYR20100?
    • ⤷ How do I test a PBYR dual diode using a multimeter?
    • ⤷ Can I use a PBYR diode in an AC to DC bridge rectifier?