Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR20100

  • AI
    The **PBYR20100** is a specific type of power semiconductor known as a **Schottky Barrier Diode**. It is designed for high-frequency switching and power rectification applications. --- ## 1. Core Specifications The model number typically follows a naming convention that indicates its primary ratings: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Schottky Barrier | Low forward voltage drop, fast switching. | | **Max Peak Reverse Voltage ($V_{RRM}$)** | 100V | The maximum voltage it can block in reverse. | | **Average Rectified Current ($I_{O}$)** | 20A | The total current capacity (usually 10A per diode). | | **Forward Voltage ($V_F$)** | ~0.7V - 0.85V | Lower than standard silicon diodes (typically 1.1V). | | **Package Style** | TO-220AB | 3-pin power package for heatsink mounting. | --- ## 2. Internal Configuration The PBYR20100 is almost always a **Dual Diode (Common Cathode)** device. * **Pin 1:** Anode (Diode 1) * **Pin 2:** Cathode (Connected to the metal tab) * **Pin 3:** Anode (Diode 2) This configuration allows the device to be used in **Full-Wave Center-Tap Rectifiers**, effectively handling 10 Amperes per leg for a combined output of 20 Amperes. --- ## 3. Key Electronic Characteristics ### A. Low Power Loss Because it is a Schottky diode, it has a lower **Forward Voltage Drop ($V_F$)**. In power supplies, this translates to less heat generation and higher efficiency compared to standard recovery diodes. ### B. Ultra-Fast Switching Schottky diodes have negligible reverse recovery time ($t_{rr}$). This makes them ideal for high-speed Switch Mode Power Supplies (SMPS) where the circuit operates at frequencies in the kilohertz (kHz) or megahertz (MHz) range. ### C. Guard Ring Protection Most "PBYR" series diodes include an internal guard ring for **Stress Protection**. This improves the device's reliability against high-voltage transients (Over-voltage protection). --- ## 4. Common Applications 1. **Switching Power Supplies:** Used on the secondary side of transformers for high-frequency rectification. 2. **DC-DC Converters:** Acting as a "freewheeling" diode to protect components from inductive spikes. 3. **Battery Chargers:** Efficiently converting AC/DC with minimal heat loss. 4. **Reverse Polarity Protection:** Protecting sensitive DC circuits from battery reversal. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PBYR20100 and a standard PN-junction diode?
    • ⤷ How do I calculate the heat dissipation requirements for this diode in a 10A circuit?
    • ⤷ Can the two anodes of the PBYR20100 be wired in parallel to increase current capacity?