Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR2045CTF

  • AI
    ## Technical Overview of PBYR2045CTF The **PBYR2045CTF** is a dual Schottky barrier rectifier diode. It is designed for high-frequency switching applications, primarily used in power supplies and motor control circuits due to its low forward voltage drop and fast switching speed. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | Schottky Barrier | Dual Diode (Common Cathode) | | **$V_{RRM}$** | 45V | Peak Repetitive Reverse Voltage | | **$I_{F(AV)}$** | 20A | Average Rectified Forward Current (Total) | | **$V_F$** | ~0.57V | Maximum Forward Voltage Drop (at 10A) | | **$I_{FSM}$** | 120A | Non-repetitive Peak Surge Current | | **Package** | TO-220F | Isolated Plastic Package | --- ### 2. Functional Characteristics * **Common Cathode Configuration:** The device contains two diodes connected at the cathode (Center Pin 2). This is ideal for full-wave rectification in switch-mode power supplies (SMPS). * **Low Power Loss:** Because it is a Schottky diode, it has a significantly lower forward voltage ($V_F$) compared to standard silicon diodes, leading to higher efficiency and less heat generation. * **Isolated Package (TO-220F):** The "F" suffix typically denotes a "Full Pack" or isolated package. This allows the component to be mounted directly to a heatsink without an additional insulating mica washer, as the tab is electrically isolated. --- ### 3. Pin Configuration The PBYR2045CTF typically follows the standard 3-pin layout: 1. **Anode 1:** Input for the first diode. 2. **Cathode:** Common output for both diodes (connected to the mounting tab internally, but isolated externally). 3. **Anode 2:** Input for the second diode. --- ### 4. Common Applications * **Switch Mode Power Supplies (SMPS):** Used for output rectification in the secondary stage. * **Free-Wheeling Diode:** Used in motor control circuits to protect against inductive spikes. * **OR-ing Diodes:** Used in redundant power supply systems to prevent backflow. * **DC/DC Converters:** High-speed switching for voltage regulation. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PBYR2045CT and the PBYR2045CTF version?
    • ⤷ How do I calculate the heat dissipation requirements for this diode at 15A?
    • ⤷ Can this diode be used in AC-to-DC bridge rectifiers?