Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR2060CT

  • AI
    ### Overview of PBYR2060CT The **PBYR2060CT** is a high-performance **Schottky Barrier Diode** typically used for power rectification. It is designed for high-frequency operation and low energy loss, making it a staple in power supply design. --- ### Technical Specifications The following table outlines the primary electrical characteristics of the PBYR2060CT: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 60 V | | **Average Rectified Forward Current** | $I_{O}$ | 20 A (10A per diode) | | **Forward Voltage Drop** | $V_{F}$ | ~0.58 V to 0.70 V | | **Operating Junction Temperature** | $T_{j}$ | -65 to +150 °C | | **Package Type** | Case | TO-220AB | --- ### Internal Structure and Configuration The PBYR2060CT is a **Dual Center-Tap** diode. This means it contains two diodes sharing a common cathode within a single package. * **Pin 1:** Anode 1 * **Pin 2:** Cathode (Common) - Often connected to the metal mounting tab. * **Pin 3:** Anode 2 #### Basic Circuit Representation ```text (Anode 1) Pin 1 ----|>|----| |---- Pin 2 (Cathode/Tab) (Anode 2) Pin 3 ----|>|----| ``` --- ### Key Features 1. **Low Forward Voltage Drop:** Schottky technology reduces the power dissipated as heat compared to standard silicon diodes. 2. **High-Speed Switching:** Very low reverse recovery time ($t_{rr}$), making it ideal for high-frequency Switch Mode Power Supplies (SMPS). 3. **Guard Ring Protection:** Includes an internal guard ring for stress protection and long-term reliability against high voltage transients. 4. **TO-220 Package:** Allows for easy mounting to a heatsink to manage thermal output during high-current operation. --- ### Common Applications * **Switching Power Supplies:** Used in the output rectification stage. * **DC-DC Converters:** Acts as a freewheeling diode. * **Battery Chargers:** Prevents reverse current flow and provides efficient charging. * **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power rails.
    ✨ Follow-up Questions
    • ⤷How does the forward voltage drop change with temperature in a PBYR2060CT?
    • ⤷ What are the advantages of using a center-tap configuration in a full-wave rectifier?
    • ⤷ What is the maximum surge current this diode can handle?