Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR240

  • AI
    ## Overview of the PBYR240 Series The **PBYR240** is a series of high-power Schottky Barrier Rectifiers, commonly manufactured by NXP (formerly Philips Semiconductors) and WeEn Semiconductors. These diodes are designed for high-frequency switching and low power loss applications. --- ### 1. Key Technical Specifications The "240" in the part number typically refers to the voltage rating. Below is a breakdown of the primary electrical characteristics: | Property | Value (Typical for PBYR240CT) | | :--- | :--- | | **Component Type** | Schottky Barrier Diode | | **Configuration** | Dual Diode (Common Cathode) | | **Forward Current ($I_{F(AV)}$)** | 20A (10A per diode) | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 40V | | **Forward Voltage Drop ($V_F$)** | ~0.5V to 0.6V at rated current | | **Package Style** | TO-220AB | | **Operating Temperature** | -65°C to +150°C | --- ### 2. Internal Configuration Most parts in the PBYR240 series feature a **Common Cathode** arrangement. This means there are two diodes inside a single three-pin package: * **Pin 1:** Anode (Diode 1) * **Pin 2:** Cathode (Connected to the mounting tab) * **Pin 3:** Anode (Diode 2) --- ### 3. Core Features * **Low Forward Voltage:** Because it is a Schottky diode, it has a much lower voltage drop compared to standard silicon diodes, leading to higher efficiency. * **Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-speed circuits. * **Guard Ring Protection:** Most PBYR diodes include a guard ring for stress protection and long-term reliability against high voltages. * **Thermal Efficiency:** The TO-220 package allows for easy mounting to a heatsink to manage thermal dissipation. --- ### 4. Common Applications Due to its high speed and low loss, the PBYR240 is found in: 1. **Switched Mode Power Supplies (SMPS):** Used for output rectification. 2. **DC-DC Converters:** Acts as a freewheeling diode. 3. **Polarity Protection:** Prevents damage if batteries or power sources are connected backwards. 4. **OR-ing Diodes:** Used in redundant power systems to combine two power rails. --- ### 5. Identification Code Example When reading the datasheet or the physical part, you might see variations: * **PBYR2040CT:** The "20" represents 20 Amps total, and "40" represents 40 Volts. The "CT" indicates the Common Cathode center tap.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a PBYR Schottky diode and a standard PN junction diode?
    • ⤷ How should I calculate the heat sink size for a PBYR240 under a 10A load?
    • ⤷ Are there surface-mount equivalents (SMD) for the PBYR240 series?