Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR2540CTF

  • AI
    ## PBYR2540CTF: Electronic Specifications and Overview The **PBYR2540CTF** is a high-performance **Schottky Barrier Diode** (Dual Rectifier) typically housed in an isolated TO-220 package (SOT186A). It is designed for high-frequency switching applications where low power loss and high efficiency are critical. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the device: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :---: | :--- | :---: | | Repetitive Peak Reverse Voltage | $V_{RRM}$ | 40 | V | | Average Forward Current (Total) | $I_{F(AV)}$ | 25 | A | | Average Forward Current (Per Diode) | $I_{F(AV)}$ | 12.5 | A | | Non-repetitive Peak Forward Surge Current | $I_{FSM}$ | 120 | A | | Forward Voltage Drop (at 12.5A) | $V_F$ | 0.6 | V | | Junction Temperature | $T_j$ | 150 | °C | --- ### 2. Physical Construction and Pinout The "CTF" suffix usually denotes a **Common Cathode** configuration in a full-molded (insulated) package. * **Package Type:** TO-220F (Isolated). * **Internal Configuration:** * **Pin 1:** Anode 1 * **Pin 2:** Common Cathode * **Pin 3:** Anode 2 * **Isolation:** The plastic body provides electrical insulation from the heatsink, eliminating the need for an external mica insulator. --- ### 3. Functional Features * **Low Forward Voltage:** Reduces conduction losses, which is essential for battery-powered or high-efficiency power supplies. * **Fast Switching:** Schottky technology allows for negligible reverse recovery time ($t_{rr}$), minimizing switching noise. * **Guard Ring Protection:** Includes an internal guard ring for stress protection and enhanced long-term reliability against high voltage transients. --- ### 4. Typical Applications The PBYR2540CTF is commonly found in the following circuits: 1. **Switched-Mode Power Supplies (SMPS):** Used as an output rectifier. 2. **DC-DC Converters:** Acts as a freewheeling diode. 3. **Reverse Battery Protection:** Protects sensitive electronics from incorrect polarity. 4. **ORing Diodes:** Used in redundant power supply systems. ---
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using the isolated TO-220F package over the standard TO-220?
    • ⤷ How does the forward voltage drop change as the junction temperature increases?
    • ⤷ What is the significance of the 'Guard Ring' in Schottky diodes?