Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR2540CTX

  • AI
    ## PBYR2540CTX Electronic Component Overview The **PBYR2540CTX** is a high-performance **Schottky Barrier Diode** (Rectifier). It is primarily designed for high-frequency switching applications where low power loss and high efficiency are critical. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the PBYR2540CTX: | Parameter | Value | Description | | :--- | :--- | :--- | | **$V_{RRM}$** | 40 V | Repetitive Peak Reverse Voltage | | **$I_{F(AV)}$** | 25 A | Average Forward Current (Total) | | **$V_F$** | ~0.62 V | Maximum Forward Voltage Drop (per diode) | | **$I_{FSM}$** | 120 A | Non-repetitive Peak Surge Current | | **Configuration** | Dual / Center Tap | Two diodes sharing a common cathode | | **Package** | TO-220AB | Standard power package for heat sinking | --- ### 2. Internal Structure and Configuration The "CTX" suffix typically denotes a **Dual Center-Tap** configuration. Internally, the device contains two Schottky diodes connected at the cathode. * **Pin 1:** Anode 1 * **Pin 2:** Cathode (Common / Tab) * **Pin 3:** Anode 2 This design allows for efficient **Full-Wave Rectification** using only one physical component, reducing PCB space. --- ### 3. Features and Advantages * **Low Forward Voltage Drop ($V_F$):** Reduces power dissipation, making it more efficient than standard silicon diodes. * **Fast Switching:** Schottky diodes are majority carrier devices, resulting in negligible reverse recovery time ($t_{rr}$). * **Guard Ring Protection:** Most PBYR series diodes include a guard ring for stress protection and long-term reliability against high voltage transients. * **High Junction Temperature:** Designed to operate reliably at temperatures up to $150^\circ C$. --- ### 4. Typical Applications The PBYR2540CTX is commonly found in power management circuits, including: 1. **Switched-Mode Power Supplies (SMPS):** Used for output rectification. 2. **DC-DC Converters:** High-speed switching for voltage regulation. 3. **Freewheeling Diodes:** Protecting circuits from inductive spikes in motor drives. 4. **Reverse Polarity Protection:** Low $V_F$ minimizes voltage loss when protecting battery-powered devices. --- ### 5. Thermal Management Since this part handles up to **25 Amperes**, heat dissipation is critical. The **TO-220AB** package is designed to be bolted to an external aluminum heat sink. Using thermal paste (TIM) between the component tab and the heat sink is highly recommended to prevent thermal runaway.
    ✨ Follow-up Questions
    • ⤷ What are the alternative equivalent parts for PBYR2540CTX?
    • ⤷ How does the forward voltage drop change with temperature in this diode?
    • ⤷ Can this diode be used in a bridge rectifier circuit?