Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR2545CT

  • AI
    The **PBYR2545CT** is a high-performance **Schottky Barrier Diode** (Rectifier) designed for high-frequency switching applications. It is commonly used in power supplies, converters, and protection circuits due to its low forward voltage drop and fast switching speed. --- ### 1. Key Technical Specifications The part number itself reveals its primary ratings (25 Amps, 45 Volts). | Parameter | Value | Description | | :--- | :--- | :--- | | **Average Rectified Current ($I_{O}$)** | 25 A | Total current for the device (12.5A per diode) | | **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 45 V | Maximum voltage it can block in reverse | | **Forward Voltage Drop ($V_F$)** | ~0.58 V | Low voltage loss during conduction | | **Package Type** | TO-220AB | Standard 3-pin power package | | **Operating Temperature** | -65 to +150 °C | Wide range for industrial/automotive use | --- ### 2. Internal Configuration The PBYR2545CT features a **Dual Center-Tap** configuration. Inside the TO-220 package, there are two Schottky diodes sharing a common cathode (the middle pin). * **Pin 1:** Anode 1 * **Pin 2 (Tab):** Common Cathode * **Pin 3:** Anode 2 --- ### 3. Core Characteristics * **Schottky Technology:** Unlike standard silicon diodes ($V_F \approx 0.7V$), the Schottky barrier uses a metal-semiconductor junction, leading to much lower power dissipation. * **Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-speed Switch Mode Power Supplies (SMPS). * **Guard Ring Protection:** Most versions include an internal guard ring for stress protection and long-term reliability against high voltage transients. --- ### 4. Common Applications 1. **Rectification:** Converting AC to DC in high-frequency switching power supplies. 2. **ORing Diodes:** Used in redundant power systems to prevent back-feeding. 3. **Freewheeling:** Protecting circuits from inductive kicks in motor drivers or relay circuits. 4. **Polarity Protection:** Preventing damage if a battery or DC source is connected backward. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PBYR2545CT and a standard silicon rectifier?
    • ⤷ How do I calculate the heat sink requirements for this diode at 20A current?
    • ⤷ Can this diode be used in a bridge rectifier configuration?