Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR2545CTB

  • AI
    The **PBYR2545CTB** is a high-performance **Schottky Barrier Diode** typically housed in a surface-mount package (D2PAK). It is designed for high-frequency switching and low power loss applications. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for the PBYR2545CTB: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 V | | **Average Forward Current** | $I_{F(AV)}$ | 25 A (Total) | | **Forward Voltage Drop** | $V_F$ | ~0.58 V (at 15A) | | **Peak Surge Current** | $I_{FSM}$ | 150 A | | **Operating Junction Temp** | $T_j$ | -65 to +150 °C | | **Configuration** | - | Dual Common Cathode | --- ### 2. Functional Description The PBYR2545CTB utilizes the **Schottky Barrier principle**, which involves a metal-to-silicon junction rather than a standard P-N junction. This results in two major advantages: 1. **Low Forward Voltage ($V_F$):** Reduces power dissipation and heat generation. 2. **Ultrafast Switching:** Since there is no minority carrier recovery time, the diode can switch at very high frequencies with minimal losses. ### 3. Pin Configuration and Package The device is usually provided in a **D2PAK (SOT404)** package, which is optimized for automated surface mounting and efficient heat dissipation. * **Pin 1 (Anode 1):** Connected to the first diode. * **Pin 2/Tab (Cathode):** The common cathode, typically connected to the center lead and the large metal mounting tab. * **Pin 3 (Anode 2):** Connected to the second diode. ### 4. Typical Applications Due to its high current capacity and efficiency, it is commonly used in: * **Switched-Mode Power Supplies (SMPS):** Output rectification stages. * **DC/DC Converters:** High-speed buck or boost converters. * **Freewheeling Diodes:** Protecting circuits from inductive spikes in motor drives. * **OR-ing Diodes:** In redundant power supply systems. --- ### 5. Circuit Symbol Example In a schematic, this component is represented as two diodes with their cathodes tied together: ```text Anode 1 (Pin 1) ----|>|----| |---- Common Cathode (Pin 2/Tab) Anode 2 (Pin 3) ----|>|----| ```
    ✨ Follow-up Questions
    • ⤷What are the thermal resistance benefits of the D2PAK package for this diode?
    • ⤷ How does the forward voltage drop change with temperature in the PBYR2545CTB?
    • ⤷ Can this diode be used in applications exceeding 45V?