Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR2545CTX

  • AI
    ## Technical Overview: PBYR2545CTX Schottky Barrier Rectifier The **PBYR2545CTX** is a high-performance Dual Schottky Barrier Rectifier diode. It is specifically designed for use in low-voltage, high-frequency inverters, free-wheeling, and polarity protection applications. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the PBYR2545CTX: | Parameter | Symbol | Value | Unit | | :--- | :---: | :---: | :---: | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 | V | | **Average Rectified Forward Current** | $I_{F(AV)}$ | 25 (Total) | A | | **Forward Voltage Drop** (at 15A) | $V_F$ | 0.65 (Max) | V | | **Peak Forward Surge Current** (8.3ms) | $I_{FSM}$ | 150 | A | | **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C | | **Package Type** | - | TO-220AB | - | --- ### 2. Internal Configuration The "CTX" suffix typically indicates a **Common Cathode** configuration. In a single TO-220 package, there are two diode chips: * **Pin 1:** Anode 1 * **Pin 2:** Cathode (Common, usually connected to the mounting tab) * **Pin 3:** Anode 2 This allows the device to act as a full-wave rectifier in center-tap transformer circuits or to be wired in parallel to handle higher currents. --- ### 3. Core Features & Benefits * **Low Forward Voltage ($V_F$):** Because it is a Schottky diode, it has a much lower voltage drop compared to standard silicon diodes ($0.4V-0.6V$ vs $0.7V-1.1V$). This results in higher efficiency and less heat generation. * **Fast Switching:** Schottky diodes are majority carrier devices, meaning they have negligible reverse recovery time ($t_{rr}$). This makes them ideal for high-speed switching power supplies. * **Guard Ring Protection:** The internal structure usually includes a guard ring for stress protection and improved long-term reliability against high-voltage transients. --- ### 4. Typical Applications 1. **Switched Mode Power Supplies (SMPS):** Used in the output rectification stage to convert high-frequency AC to DC. 2. **DC-DC Converters:** High efficiency makes it suitable for step-down (buck) converters. 3. **Reverse Polarity Protection:** Protecting sensitive electronics from battery reversal. 4. **ORing Diodes:** In redundant power supply systems to prevent back-feeding. --- ### 5. Equivalent Replacement Parts If the PBYR2545CTX is unavailable, the following parts are commonly used as substitutes: ```text 1. MBR2545CT (Industry Standard equivalent) 2. STPS2545CT (STMicroelectronics equivalent) 3. V2545C (Vishay equivalent) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard silicon diode and this Schottky barrier rectifier in terms of power loss?
    • ⤷ Can the PBYR2545CTX be used in a 48V circuit?
    • ⤷ How should I calculate the heat sink requirements for this part at full 25A load?