Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR30100

  • AI
    ### Technical Overview of PBYR30100 The **PBYR30100** is a high-performance, dual-center-tap **Schottky Barrier Diode** commonly used for ultra-fast switching applications and power rectification. It is designed to handle high currents while maintaining low power loss. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **$V_{RRM}$** | 100 V | Maximum repetitive peak reverse voltage | | **$I_{F(AV)}$** | 30 A | Average forward rectified current (Total) | | **$V_F$** | ~0.70 V - 0.85 V | Forward voltage drop (at rated current) | | **$I_{FSM}$** | 200 A - 250 A | Non-repetitive peak forward surge current | | **Package** | TO-220AB | Standard 3-pin power package | | **Configuration** | Common Cathode | Two diodes sharing a center pin | --- ### 2. Physical Construction & Pinout The device is typically housed in a **TO-220AB** plastic package. This package is chosen for its ability to be bolted to a heatsink, which is essential given the high current it handles. * **Pin 1 (Anode 1):** Input for the first diode. * **Pin 2 (Cathode):** Common output (usually connected to the metal mounting tab). * **Pin 3 (Anode 2):** Input for the second diode. --- ### 3. Core Features * **Schottky Technology:** Unlike standard silicon diodes, it uses a metal-to-silicon junction. This results in a much lower forward voltage drop and extremely fast switching speeds. * **Low Power Loss:** High efficiency due to reduced heat generation during conduction. * **Guard Ring Protection:** Most variants include an internal guard ring for stress protection and improved long-term reliability against high voltages. * **High Temperature Stability:** Designed to operate effectively at junction temperatures up to 150°C. --- ### 4. Common Applications Due to its high speed and low voltage drop, the PBYR30100 is predominantly found in: 1. **Switched-Mode Power Supplies (SMPS):** Used in the output rectification stage. 2. **DC-DC Converters:** Acts as a freewheeling diode or polarity protector. 3. **Battery Chargers:** Efficiently handles high charging currents with minimal heat. 4. **ORing Diodes:** Used in redundant power supply systems to prevent backflow. --- ### 5. Schematic Symbol Representation In a circuit diagram, the part is represented as two diodes with their cathodes joined together: ```text Anode 1 (1) ----|>|----| |---- Cathode (2) Anode 2 (3) ----|>|----| ```
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for a PBYR30100 at full 30A load?
    • ⤷ Can I use the PBYR30100 in an AC-to-DC bridge rectifier?
    • ⤷ How does the forward voltage drop change with temperature in this diode?