Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR3040PT

  • AI
    The **PBYR3040PT** is a high-performance **Schottky Barrier Diode** typically used in power switching applications. It is designed for low power loss and high efficiency. --- ### 1. Key Technical Specifications The part number follows standard semiconductor naming conventions where "30" usually refers to current and "40" refers to voltage. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Schottky Barrier | Metal-semiconductor junction for fast switching. | | **Configuration** | Dual Center Tap | Two diodes sharing a common cathode. | | **Max Average Forward Current ($I_{F(AV)}$)** | 30 A | 15 A per diode leg. | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 40 V | Maximum voltage it can block in reverse. | | **Forward Voltage Drop ($V_F$)** | ~0.55 V | Low voltage drop compared to standard diodes (~0.7V - 1.1V). | | **Package Type** | SOT93 / TO-247 | Large plastic package with a metal tab for heat dissipation. | --- ### 2. Internal Configuration The PBYR3040PT is a **Dual Diode** (Common Cathode). This means inside the single package, there are two diodes connected as follows: * **Pin 1:** Anode (Diode 1) * **Pin 2:** Cathode (Common/Output) * **Pin 3:** Anode (Diode 2) --- ### 3. Core Features * **Fast Switching:** Because Schottky diodes have no "reverse recovery time" ($t_{rr}$) related to minority carrier recombination, they switch states almost instantaneously. * **Low Power Loss:** The low forward voltage ($V_F$) minimizes heat generation during conduction, improving the overall efficiency of the power supply. * **Guard Ring Protection:** Most PBYR series diodes include an internal guard ring for stress protection and long-term reliability. --- ### 4. Common Applications Due to its high current capacity and speed, the PBYR3040PT is found in: 1. **Switched-Mode Power Supplies (SMPS):** Used for output rectification. 2. **DC-DC Converters:** Acts as a freewheeling diode. 3. **Battery Chargers:** Prevents reverse current flow while maintaining efficiency. 4. **Solar Panels:** Used as a bypass or blocking diode. --- ### 5. Circuit Symbol ```text Anode 1 (1) ----|>|----| |---- Cathode (2) Anode 2 (3) ----|>|----| ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a Schottky diode and a standard PN junction diode?
    • ⤷ How should I calculate the heat sink requirements for a 30A load?
    • ⤷ Can the PBYR3040PT be used in AC-to-DC bridge rectifiers?