Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR3045PT

  • AI
    ## Overview of PBYR3045PT The **PBYR3045PT** is a high-performance **Schottky Barrier Rectifier** (Diode) commonly used in power management and switching applications. It is designed for high-frequency operation and efficiency. ### 1. Key Specifications Below are the primary electrical characteristics of the PBYR3045PT: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Dual Schottky Barrier | Two diodes sharing a common cathode. | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 45 V | Maximum voltage it can block in reverse. | | **Average Forward Current ($I_{F(AV)}$)** | 30 A | 15A per diode (total 30A for the package). | | **Forward Voltage Drop ($V_F$)** | ~0.57 V | Low voltage drop increases efficiency. | | **Package Type** | SOT-199 / TO-247 | Large plastic package for heat dissipation. | | **Operating Temperature** | -65 to +150 °C | Wide thermal range for industrial use. | --- ### 2. Functional Description The PBYR3045PT consists of two diodes connected in a **Common Cathode** configuration. This is typically used in "Full-Wave Center-Tap" rectification circuits. #### Pin Configuration 1. **Anode 1:** Input for the first diode. 2. **Cathode (Tab):** Common output for both diodes. 3. **Anode 2:** Input for the second diode. --- ### 3. Core Features * **Low Power Loss:** Due to the low forward voltage drop, it generates less heat than standard silicon diodes. * **High Speed:** As a Schottky diode, it has a negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency switching. * **Guard Ring Protection:** Includes an internal guard ring for stress protection and long-term reliability against high voltage transients. --- ### 4. Typical Applications The PBYR3045PT is frequently found in the following electronic systems: * **Switch Mode Power Supplies (SMPS):** Used for output rectification. * **DC-DC Converters:** Acts as a freewheeling diode. * **Battery Chargers:** Prevents reverse current flow and manages charging efficiently. * **Polarity Protection:** Protects sensitive circuits from reversed power leads. --- ### 5. Thermal Management Because this part handles up to **30 Amperes**, heat management is critical. * It should be mounted to a **heat sink** using thermal paste. * The center pin is electrically connected to the mounting tab (Common Cathode).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Schottky diode like the PBYR3045PT and a standard PN junction diode?
    • ⤷ How do I calculate the power dissipation of this diode in a circuit?
    • ⤷ Can I use the PBYR3045PT for AC to DC rectification in a 110V power supply?