Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR3045PTF

  • AI
    ## PBYR3045PTF: Electronic Components Overview The **PBYR3045PTF** is a high-performance **Schottky Barrier Diode** commonly used in power management and switching applications. It is designed for low power loss and high efficiency. ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the PBYR3045PTF: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 | V | | **Average Rectified Forward Current** | $I_{F(AV)}$ | 30 | A | | **Forward Voltage Drop (at 15A)** | $V_F$ | 0.57 (Typ) | V | | **Reverse Recovery Time** | $t_{rr}$ | Ultra Fast | ns | | **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C | --- ### 2. Functional Architecture The device typically comes in a **TO-220F** (Full Pack) or similar isolated plastic package. It is a **Dual Diode** configuration (Common Cathode), meaning there are two diodes inside a single package sharing a center pin. #### Pin Configuration: 1. **Anode 1:** Input for the first diode. 2. **Common Cathode:** Output for both diodes (connected to the heat sink tab in non-isolated versions). 3. **Anode 2:** Input for the second diode. --- ### 3. Core Features and Benefits * **Low Forward Voltage:** Reduces power dissipation during conduction, increasing overall system efficiency. * **Guard Ring Protection:** Includes an internal guard ring for stress protection and enhanced long-term reliability. * **High Surge Capacity:** Capable of handling high instantaneous currents, protecting the circuit during startup or faults. * **Fast Switching:** Schottky technology allows for nearly instantaneous switching, making it ideal for high-frequency converters. --- ### 4. Typical Applications The PBYR3045PTF is widely utilized in the following electronic circuits: * **Switching Mode Power Supplies (SMPS):** Used for output rectification. * **DC-DC Converters:** Acts as a freewheeling diode. * **Battery Chargers:** Prevents reverse current flow and manages charging efficiency. * **Solar Panels:** Used in bypass diode applications to prevent shading losses. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a Schottky diode like the PBYR3045PTF and a standard silicon rectifier?
    • ⤷ How does the TO-220F 'Full Pack' package affect thermal management compared to a standard TO-220?
    • ⤷ In what scenarios would the 45V reverse voltage rating be insufficient?