Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR3045WT

  • AI
    The **PBYR3045WT** is a high-performance Schottky barrier rectifier diode. It is commonly used in power management circuits due to its low forward voltage drop and high switching speed. --- ### ## Technical Specifications Below are the primary electrical characteristics and physical properties of the PBYR3045WT: | Characteristic | Value | Notes | | :--- | :--- | :--- | | **Component Type** | Schottky Diode | Dual, common cathode configuration | | **Maximum Reverse Voltage ($V_{RRM}$)** | 45V | Peak repetitive reverse voltage | | **Forward Current ($I_{F(AV)}$)** | 30A | 15A per diode (dual package) | | **Forward Voltage Drop ($V_F$)** | ~0.55V to 0.6V | Measured at rated current | | **Package Type** | TO-247 / SOT429 | Through-hole power package | | **Operating Temperature** | -65°C to +150°C | Junction temperature range | --- ### ## Key Features and Internal Structure The PBYR3045WT is designed as a **Dual Center-Tap** diode. This means there are two diodes inside a single three-pin package sharing a common cathode (the center pin). 1. **Low Power Loss:** Because it is a Schottky diode, it has a much lower forward voltage drop compared to standard silicon diodes, leading to higher efficiency. 2. **Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-frequency applications. 3. **Guard Ring Protection:** It typically includes an internal guard ring for stress protection and long-term reliability against high voltage transients. --- ### ## Common Applications The PBYR3045WT is frequently found in the following electronic circuits: * **Switched Mode Power Supplies (SMPS):** Used for output rectification. * **DC-DC Converters:** Acts as a freewheeling diode or polarity protection. * **Battery Chargers:** Prevents reverse current flow and manages high current charging. * **Solar Panels:** Used in bypass or blocking diode configurations to prevent power loss. --- ### ## Pinout Configuration ```text Pin 1: Anode (Diode 1) Pin 2: Cathode (Common / Case) Pin 3: Anode (Diode 2) ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the PBYR3045WT?
    • ⤷ How do I calculate the heat sink requirements for a 30A Schottky diode?
    • ⤷ What is the difference between a Schottky diode and a standard recovery diode in SMPS?