Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR3080PT

  • AI
    ### Technical Overview: PBYR3080PT The **PBYR3080PT** is a high-performance **Schottky Barrier Diode** (Rectifier). It is primarily designed for high-frequency switching applications, such as switched-mode power supplies (SMPS) and output rectification. --- ### 1. Key Technical Specifications The part number itself reveals its primary ratings (30 Amps, 80 Volts). Below are the detailed electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Diode Type** | Schottky Barrier | Low forward voltage drop, fast switching. | | **Configuration** | Dual Common Cathode | Two diodes sharing a single cathode pin. | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 80 V | The maximum voltage it can block in reverse. | | **Forward Current ($I_{F(AV)}$)** | 30 A (Total) | 15A per diode leg. | | **Forward Voltage ($V_F$)** | ~0.70 V to 0.85 V | Typical voltage drop at rated current. | | **Operating Temperature ($T_j$)** | Up to 150°C | Maximum junction temperature. | | **Package Type** | TO-247 / SOT429 | Through-hole power package. | --- ### 2. Internal Configuration The PBYR3080PT typically features a **Common Cathode** arrangement. This allows it to be used efficiently in full-wave center-tap rectification circuits. ```text Anode 1 (Pin 1) ----|>|----| |---- Cathode (Pin 2 / Tab) Anode 2 (Pin 3) ----|>|----| ``` --- ### 3. Core Electronic Features * **Low Forward Voltage Drop:** Because it is a Schottky diode, it has a much lower $V_F$ than standard silicon diodes, resulting in lower power dissipation and higher efficiency. * **Guard Ring Protection:** It includes an internal guard ring for stress protection, which enhances long-term reliability against high-voltage transients. * **Negligible Reverse Recovery Time ($t_{rr}$):** Schottky diodes do not have the stored charge issues of PN junction diodes, making them ideal for high-speed switching (MHz range). * **Thermal Management:** The TO-247 package is designed to be bolted to a heatsink to manage the heat generated by the 30A current flow. --- ### 4. Common Applications 1. **Switched-Mode Power Supplies (SMPS):** Used in the output stage to convert high-frequency AC to DC. 2. **Free-Wheeling Diodes:** Protects circuits from voltage spikes generated by inductive loads (motors, solenoids). 3. **Reverse Polarity Protection:** Prevents damage if a battery or power source is connected backwards. 4. **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power rails. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PBYR3080PT and a standard silicon rectifier like the 1N5408?
    • ⤷ Can you explain the thermal resistance calculations for mounting this diode on a heatsink?
    • ⤷ What are the typical failure modes for Schottky diodes in high-voltage circuits?