Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR6045WT

  • AI
    The **PBYR6045WT** is a high-performance **Schottky Rectifier Diode** designed for power switching applications. It is commonly used in power supplies, inverters, and protection circuits due to its low forward voltage drop and fast switching speed. --- ### ## Technical Specifications The following table summarizes the key electrical characteristics of the PBYR6045WT: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 | V | | **Average Forward Current** | $I_{F(AV)}$ | 60 (30 per diode) | A | | **Forward Voltage Drop** | $V_F$ | 0.58 (at 30A) | V | | **Reverse Recovery Time** | $t_{rr}$ | Fast (Nanoseconds) | ns | | **Operating Temperature** | $T_j$ | -65 to +150 | °C | | **Package Type** | - | TO-247 | - | --- ### ### Internal Construction The PBYR6045WT is a **Dual Diode (Common Cathode)** configuration. This means: 1. **Pin 1 (Anode 1):** Input for the first diode. 2. **Pin 2 (Cathode):** Shared output for both diodes (connected to the center tab). 3. **Pin 3 (Anode 2):** Input for the second diode. This configuration is ideal for **Full-Wave Rectification** in center-tapped transformer circuits. --- ### ### Key Features and Benefits * **Low Power Loss:** The low forward voltage ($V_F$) ensures high efficiency by reducing heat dissipation. * **High Surge Capacity:** Capable of handling high instantaneous currents without failure. * **Guard Ring Protection:** Includes internal circuitry for stress protection, improving long-term reliability. * **Fast Switching:** As a Schottky diode, it has negligible reverse recovery charge, making it perfect for high-frequency Switched-Mode Power Supplies (SMPS). --- ### ### Typical Applications 1. **SMPS Secondary Rectification:** Converting high-frequency AC from a transformer to DC. 2. **Freewheeling Diodes:** Used in motor control circuits to protect against inductive spikes. 3. **OR-ing Diodes:** Used in redundant power supply systems to prevent backflow. 4. **Battery Charging:** High-current rectification for industrial chargers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard silicon diode and this Schottky diode?
    • ⤷ How should I calculate the heatsink requirements for 60A operation?
    • ⤷ Can this diode be used in a 240V AC rectification circuit?