Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR625CTD

  • AI
    The **PBYR625CTD** is a specialized power semiconductor device, specifically a **Schottky Barrier Diode**. It is designed for high-frequency switching and low power loss applications. --- ### 1. Key Technical Specifications The part number follows standard naming conventions for power rectifiers. Here are the core electronic characteristics: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Dual Schottky Rectifier | | **Configuration** | Common Cathode (Two diodes sharing a center pin) | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 25V | | **Average Rectified Forward Current ($I_{O}$)** | 6A (3A per diode) | | **Forward Voltage Drop ($V_F$)** | Approx. 0.4V to 0.5V (at rated current) | | **Package Type** | DPAK (TO-252) - Surface Mount | --- ### 2. Physical Structure and Pinout The PBYR625CTD typically utilizes a 3-pin surface mount package. Because it is a **Common Cathode** device, the internal circuit looks like this: * **Pin 1:** Anode 1 * **Pin 2 / Tab:** Cathode (Common) * **Pin 3:** Anode 2 --- ### 3. Electronic Advantages Schottky diodes like the PBYR625CTD differ from standard PN-junction diodes in several ways: 1. **Low Forward Voltage ($V_F$):** It wastes less power as heat compared to standard diodes (which usually have a 0.7V - 1.1V drop). This increases the efficiency of the power supply. 2. **Ultra-Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$). This makes them ideal for high-speed switching circuits where standard diodes would be too slow and overheat. 3. **Guard Ring Protection:** Most "PBYR" series diodes include an internal guard ring for stress protection, which improves long-term reliability against high voltage transients. --- ### 4. Common Applications Due to its 25V/6A rating, this part is commonly found in: * **DC-to-DC Converters:** Stepping voltage up or down in battery-powered devices. * **Freewheeling Diodes:** Protecting circuits from inductive spikes in motor drivers. * **OR-ing Diodes:** Used in redundant power supplies to combine two power sources without back-feeding. * **Low Voltage Rectification:** Secondary side rectification in switched-mode power supplies (SMPS). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a common cathode and a common anode diode configuration?
    • ⤷ Can I use a PBYR625CTD in a circuit that operates at 48V?
    • ⤷ How does temperature affect the forward voltage drop of this Schottky diode?