Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR640CTD

  • AI
    The **PBYR640CTD** is a high-performance Schottky Barrier Rectifier diode. It is commonly used in power management circuits due to its low forward voltage drop and fast switching capabilities. --- ## 1. Technical Specifications Below are the primary electrical characteristics of the PBYR640CTD: | Parameter | Symbol | Typical Value | |:---|:---|:---| | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 V | | **Average Forward Current** | $I_{F(AV)}$ | 6 A (Total) | | **Forward Voltage Drop** (at 3A) | $V_F$ | ~0.5 V | | **Reverse Recovery Time** | $t_{rr}$ | < 10 ns (Ultra-fast) | | **Operating Junction Temp** | $T_j$ | -65 to +150 °C | --- ## 2. Pin Configuration & Package The "CT" in the part number usually indicates a **Common Cathode** configuration. This means the device contains two diodes sharing a single output pin. * **Package Type:** Usually **DPAK** (TO-252) or **TO-220**, designed for surface mount or through-hole heat dissipation. * **Pin 1:** Anode 1 * **Pin 2/Tab:** Cathode (Common) * **Pin 3:** Anode 2 --- ## 3. Key Features 1. **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction to ensure majority carrier conduction, eliminating the storage of charge found in standard PN diodes. 2. **Low Power Loss:** The low $V_F$ ensures high efficiency in power supplies by reducing heat dissipation. 3. **Guard Ring Protection:** Most versions include an internal guard ring for stress protection against high voltage transients (ESD/Surge). --- ## 4. Typical Applications The PBYR640CTD is found in the following electronic circuits: * **Switched Mode Power Supplies (SMPS):** Used for output rectification. * **DC-DC Converters:** Acts as a freewheeling diode. * **Battery Isolation:** Prevents reverse current flow in charging circuits. * **OR-ing Diodes:** Used in redundant power supply systems. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Schottky diode and a standard recovery diode?
    • ⤷ How do I calculate the heat sink requirements for this part?
    • ⤷ Are there pin-compatible alternatives to the PBYR640CTD?