Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR645CT

  • AI
    ### PBYR645CT Overview The **PBYR645CT** is a high-performance **Schottky Barrier Diode** (Rectifier) designed for high-frequency switching and low-power loss applications. It is commonly used in power supplies and motor control circuits. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the PBYR645CT: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 | V | | **Average Rectified Forward Current** | $I_{F(AV)}$ | 6 (3 per diode) | A | | **Forward Voltage Drop** (at 3A) | $V_F$ | ~0.55 | V | | **Peak Non-Repetitive Surge Current** | $I_{FSM}$ | 75 | A | | **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C | | **Package Type** | - | TO-220AB | - | --- ### 2. Internal Configuration The PBYR645CT features a **Dual-Diode Common Cathode** configuration. * **Pin 1:** Anode 1 * **Pin 2:** Cathode (Common to the tab/heatsink) * **Pin 3:** Anode 2 This dual-diode setup allows for full-wave rectification in a single package, reducing component count and saving PCB space. --- ### 3. Key Features and Benefits * **Low Forward Voltage:** Reduces power dissipation and increases overall system efficiency. * **Fast Switching:** The Schottky technology allows for extremely fast recovery times, minimizing switching losses. * **High Junction Temperature:** Capable of operating reliably in high-heat environments. * **Guard Ring Protection:** Includes internal circuitry for stress protection, improving long-term reliability against voltage transients. --- ### 4. Common Applications 1. **Switched-Mode Power Supplies (SMPS):** Used for output rectification in DC-DC converters. 2. **Freewheeling Diodes:** Protects circuits from voltage spikes caused by inductive loads (motors, solenoids). 3. **Reverse Polarity Protection:** Prevents damage to electronics if a battery or power source is connected incorrectly. 4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard silicon diode and this Schottky diode?
    • ⤷ How should I calculate the heatsink requirements for the PBYR645CT?
    • ⤷ Can this diode be used in high-voltage AC rectification (e.g.
    • ⤷ 220V)?