Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR735

  • AI
    The **PBYR735** is a high-performance **Schottky Barrier Diode** commonly used in power switching applications. It is designed for low power loss and high efficiency. --- ### 1. Key Specifications The technical identity of the PBYR735 is defined by its ability to handle high current with minimal voltage drop. | Parameter | Value | Description | | :--- | :--- | :--- | | **$V_{RRM}$** | 35V | Repetitive Peak Reverse Voltage | | **$I_{F(AV)}$** | 7.5A | Average Forward Current | | **$V_F$** | ~0.57V | Maximum Forward Voltage Drop (at 7.5A) | | **$I_{FSM}$** | 120A | Non-repetitive Peak Surge Current | | **$T_j$** | 150°C | Maximum Operating Junction Temperature | --- ### 2. Physical Characteristics The PBYR735 is typically housed in a **TO-220AC** (or similar) power package. This package is chosen for its excellent thermal dissipation properties. * **Pin 1:** Cathode (connected to the mounting tab) * **Pin 2:** Anode * **Body:** Plastic molded case with a metal tab for heatsink attachment. --- ### 3. Core Features The component utilizes the Schottky barrier principle (metal-to-silicon junction), providing several advantages over standard PN-junction diodes: 1. **Low Forward Voltage ($V_F$):** Since the voltage drop is significantly lower than standard diodes (0.57V vs 0.7V-1.1V), it generates less heat. 2. **Fast Switching:** Because there is no minority carrier storage, the reverse recovery time is negligible, making it ideal for high-frequency circuits. 3. **Guard Ring Protection:** Most PBYR series diodes include an internal guard ring for stress protection and long-term reliability against high $dv/dt$ transients. --- ### 4. Common Applications Due to its 7.5A current rating and 35V limit, it is frequently found in: * **Switched Mode Power Supplies (SMPS):** Used as output rectifiers. * **DC-DC Converters:** Essential for high-frequency buck or boost converters. * **Freewheeling Diodes:** Used to protect circuits from inductive kicks in motor drivers. * **Polarity Protection:** Preventing damage if batteries or power inputs are connected backward. --- ### 5. Implementation Example (Basic Rectification) ```c // Schematic Representation [DC Input +] ---->| [Anode] PBYR735 [Cathode] ----> [Load] ----> [Ground] ```
    ✨ Follow-up Questions
    • ⤷ What are the best heat sinking practices for the PBYR735 in high-current circuits?
    • ⤷ Can the PBYR735 be used in 48V power systems?
    • ⤷ What is the difference between the PBYR735 and the PBYR1045?