Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR740B

  • AI
    ## Technical Overview: PBYR740B Schottky Barrier Rectifier The **PBYR740B** is a high-performance Schottky barrier diode designed specifically for use in switched-mode power supplies (SMPS) and high-frequency DC-to-DC converters. It is known for its low forward voltage drop and extremely fast switching capabilities. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for the PBYR740B: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 V | | **Average Forward Current** | $I_{F(AV)}$ | 7.5 A | | **Forward Voltage Drop** ($I_F = 7.5A$) | $V_F$ | 0.5 - 0.6 V | | **Peak Surge Current** ($t_p = 8.3ms$) | $I_{FSM}$ | 120 A | | **Operating Junction Temperature** | $T_j$ | 150 °C | --- ### 2. Major Features * **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction to achieve lower forward voltage compared to standard PN junction diodes. * **Low Power Loss:** High efficiency due to minimal conduction and switching losses. * **Guard Ring Protection:** Includes an internal guard ring for stress protection and improved long-term reliability against high voltage transients. * **Surface Mount Package:** Typically comes in the **D2PAK (SOT404)** package, which is optimized for automated assembly and heat dissipation. --- ### 3. Pin Configuration The device is usually a three-terminal surface mount package, though internal configurations can vary: 1. **Pin 1:** Anode (or No Connect in some variants) 2. **Pin 2/Tab:** Cathode (Connected to the mounting base) 3. **Pin 3:** Anode --- ### 4. Typical Applications The PBYR740B is frequently used in circuits where efficiency and heat management are critical: * **Output Rectification:** Converting high-frequency AC to DC in power supply units. * **Freewheeling Diodes:** Used in motor control circuits to protect components from inductive spikes. * **Polarity Protection:** Preventing damage from reversed battery or power supply connections. * **OR-ing Diodes:** Used in redundant power systems to combine multiple power rails. --- ### 5. Selection Considerations When designing with the PBYR740B, consider the following: * **Reverse Leakage:** Schottky diodes have higher reverse leakage currents than standard diodes, which increases significantly with temperature. * **Thermal Management:** Ensure the D2PAK tab is soldered to a sufficient copper plane to dissipate heat, as $V_F$ decreases while $T_j$ increases, potentially leading to thermal runaway if not managed.
    ✨ Follow-up Questions
    • ⤷What are the main differences between the PBYR740B and a standard silicon rectifier?
    • ⤷ How does temperature affect the reverse leakage current of this diode?
    • ⤷ What is the recommended footprint for soldering the D2PAK version of the PBYR740B?