Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYR740D

  • AI
    ## PBYR740D: Schottky Barrier Rectifier The **PBYR740D** is a high-performance Schottky barrier diode designed specifically for high-frequency switching applications. It is commonly used in power supplies, converters, and polarity protection circuits. ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the PBYR740D: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 | V | | **Average Forward Current** | $I_{F(AV)}$ | 7.5 | A | | **Forward Voltage Drop** (at 7.5A) | $V_F$ | 0.5 - 0.57 | V | | **Peak Surge Current** (8.3ms) | $I_{FSM}$ | 120 | A | | **Operating Junction Temp** | $T_j$ | -65 to +150 | °C | | **Package Type** | DPAK | SOT428 | - | --- ### 2. Physical Structure & Packaging The PBYR740D typically comes in a **DPAK (TO-252)** surface-mount package. * **Anode:** Connected to the side pins. * **Cathode:** Connected to the center lead and the large metal tab on the back (used for heat dissipation). --- ### 3. Core Features * **Low Forward Voltage:** Because it is a Schottky diode, it has a much lower voltage drop compared to standard silicon diodes, leading to higher efficiency. * **Fast Switching:** It exhibits negligible reverse recovery time ($t_{rr}$), making it ideal for high-speed pulse circuits. * **Guard Ring Protection:** It usually includes an internal guard ring for stress protection and improved long-term reliability against high voltages. --- ### 4. Typical Applications The PBYR740D is versatile and found in the following electronic systems: 1. **Switched Mode Power Supplies (SMPS):** Used for output rectification to minimize power loss. 2. **DC-DC Converters:** Acts as a "freewheeling" diode in buck or boost converters. 3. **Reverse Polarity Protection:** Protects sensitive DC circuits from battery reversal. 4. **Low Voltage OR-ing:** Used in redundant power supply systems to combine multiple power rails.
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using a Schottky diode over a standard PN junction diode?
    • ⤷ How does the DPAK package affect the thermal management of the PBYR740D?
    • ⤷ Can the PBYR740D be used in circuits exceeding 40V?