Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PCB.SMAFSTJ.A.HT

  • AI
    Based on the nomenclature provided, **PCB.SMAFSTJ.A.HT** is a specific technical part number, typically associated with an **RF (Radio Frequency) Connector** designed for PCB mounting. Below is a breakdown of the electronic components and specifications derived from this part number structure. --- ### 1. Part Number Breakdown The code follows a standard industry naming convention for specialized RF components: | Segment | Meaning | Description | | :--- | :--- | :--- | | **PCB** | Mounting Type | Designed for **Printed Circuit Board** installation. | | **SMA** | Interface Type | **SubMiniature version A** (standard RF connector type). | | **F** | Gender | **Female** (Jack) interface. | | **ST** | Orientation | **Straight** configuration (180 degrees to the board). | | **J** | Connection | **Jack** (often implies a bulkhead or specific receptacle). | | **A** | Revision/Series | Indicates the specific design iteration or material grade. | | **HT** | Temperature | **High Temperature** (rated for high-heat environments or reflow soldering). | --- ### 2. Physical & Material Characteristics Components with this designation typically feature the following build materials: * **Body:** Gold-plated or Nickel-plated Brass/Stainless Steel for conductivity and corrosion resistance. * **Insulator:** **PTFE (Teflon)**, which is essential for maintaining constant impedance. * **Center Contact:** Beryllium Copper with Gold plating to ensure a low-loss electrical connection. * **Mounting Style:** Usually **Through-Hole** or **Edge-Mount** depending on the specific "A" revision. --- ### 3. Electrical Specifications As an SMA-type connector, it generally operates within these parameters: | Parameter | Typical Value | | :--- | :--- | | **Impedance** | 50 Ohms (Standard for RF) | | **Frequency Range** | DC to 18 GHz (Can vary by manufacturer) | | **VSWR** | ≤ 1.20 : 1 (Voltage Standing Wave Ratio) | | **Operating Temp** | -65°C to +165°C (due to the **HT** rating) | --- ### 4. Common Applications * **Telecommunications:** Base stations and cellular infrastructure. * **Aerospace:** Used in high-vibration and high-temperature environments. * **Testing Equipment:** Interface points for oscilloscopes and signal generators. * **IoT Devices:** Connecting external antennas to internal PCB circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an SMA and an RP-SMA connector?
    • ⤷ How does the 'HT' rating affect the soldering process for this part?
    • ⤷ What are the common mounting footprints for SMA connectors on a PCB?