Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PCC421AP-20-R6

  • AI
    The **PCC421AP-20-R6** is a high-performance, loop-powered (4-20 mA output) industrial vibration sensor, specifically a **velocity transmitter**. It is manufactured by Wilcoxon Sensing Technologies and is designed for permanent mount monitoring of industrial rotating machinery. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic and physical characteristics of the PCC421AP-20-R6: | Parameter | Specification | | :--- | :--- | | **Output Type** | 4-20 mA (Proportional to Velocity) | | **Measurement Range** | 0 to 2.0 inches per second (ips) | | **Frequency Response** | 10 Hz to 1,000 Hz (±10%) | | **Power Requirement** | 12 to 30 VDC (Loop Powered) | | **Detection Peak Type** | True Peak | | **Connector Type** | M12 Eurofast (4-pin) | | **Operating Temperature** | -40°C to +85°C | | **Housing Material** | 316L Stainless Steel | --- ### 2. Internal Electronic Components The device functions as an integrated system that converts physical vibration into an analog current loop signal. Its internal architecture typically consists of: #### A. Piezoelectric Sensing Element The "heart" of the sensor is a piezoelectric ceramic crystal. When the machine vibrates, the crystal is subjected to mechanical stress, generating a small proportional electrical charge (high impedance). #### B. Charge Amplifier / Buffer Because the raw signal from the piezo element is extremely weak, internal high-impedance amplifiers convert the charge into a low-impedance voltage signal. #### C. Integrator Circuit Since piezoelectric elements naturally measure acceleration, an **integrator circuit** is used to convert the acceleration signal into **velocity**. Velocity is the preferred metric for most industrial machinery health monitoring (ISO 10816). #### D. Peak Detection & RMS Conversion The "AP" in the model number signifies **Peak** detection. The electronics process the vibration waveform to determine the peak amplitude rather than the average or RMS value. #### E. 4-20 mA Transmitter (Voltage-to-Current) The final stage is a current regulator that modulates the current draw on the DC loop. * **4 mA** = Zero vibration. * **20 mA** = Full scale (2.0 ips). --- ### 3. Wiring Configuration The PCC421AP-20-R6 uses an M12 connector. In a standard 2-wire current loop, the wiring logic is as follows: ```text Pin 1: + Loop (Positive Supply 12-30V) Pin 2: - Loop (Signal Return / Common) Pin 3: Not Connected Pin 4: Not Connected ``` --- ### 4. Typical Applications * **Motors & Pumps:** Monitoring for imbalance or misalignment. * **Fans & Blowers:** Detecting blade pass issues or bearing wear. * **PLC/DCS Integration:** Directly connecting to an Analog Input card without needing separate vibration monitors.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the vibration level from the 4-20 mA output signal?
    • ⤷ What is the difference between Peak and RMS measurement in this sensor?
    • ⤷ Are there specific mounting torque requirements for the PCC421 series?