Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PCF0201H-13-RWA

  • AI
    The **PCF0201H-13-RWA** is a specialized electronic component, typically categorized as a high-precision, thin-film chip resistor. Components in the 0201 form factor are primarily designed for ultra-compact electronic devices where PCB (Printed Circuit Board) real estate is extremely limited. --- ### 1. Technical Specifications Below is a breakdown of the typical technical parameters associated with this part number series: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Case Size** | 0201 (Metric 0603) | Extremely small: 0.6mm x 0.3mm | | **Technology** | Thin Film | Offers higher precision and stability than Thick Film | | **Resistance Tolerance** | ±0.1% to ±0.05% | High accuracy for signal processing | | **Power Rating** | 0.05W (1/20W) | Standard for small signal applications | | **Temperature Coefficient** | ±10 ppm/°C to ±25 ppm/°C | Low drift over temperature changes | | **Operating Temp** | -55°C to +155°C | Industrial/Military grade range | --- ### 2. Part Number Breakdown While naming conventions vary slightly by manufacturer (often Susumu or Welwyn/TT Electronics), the code generally follows this logic: * **PCF**: Refers to the series (Precision Chip Film). * **0201**: The physical dimensions (0.02 inches by 0.01 inches). * **H**: Often denotes the power rating or a specific temperature characteristic. * **13-RWA**: These suffixes typically represent the **Resistance Value**, **Tolerance**, and **Packaging** (e.g., Taped & Reeled). --- ### 3. Key Applications Due to its high precision and tiny footprint, this component is used in: 1. **Mobile Devices**: Smartphones and wearables where space is at a premium. 2. **Medical Electronics**: Hearing aids and portable monitoring equipment. 3. **Telecommunications**: High-frequency base stations and signal conditioning. 4. **Instrumentation**: Precision measurement tools requiring low thermal noise. --- ### 4. Handling and Assembly Because 0201 components are barely visible to the naked eye (roughly the size of a grain of salt), they require: * **Automated Pick-and-Place**: Manual soldering is nearly impossible without a microscope and specialized rework stations. * **High-Quality Solder Paste**: Fine-pitch stencil printing is required to prevent "tombstoning" (where the part stands up on one end during reflow).
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the RWA suffix in this series?
    • ⤷ How does thin film technology differ from thick film in terms of noise?
    • ⤷ What are the common causes of tombstoning in 0201 components?