Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PCF0402XR-RBA

  • AI
    ## Overview of the PCF0402XR-RBA The **PCF0402XR-RBA** is a precision thin-film chip resistor. It is part of a high-reliability series designed for applications where accuracy, stability, and small form factor are critical. These resistors are typically used in medical equipment, telecommunications, and high-end industrial electronics. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Resistance Range** | Typically 10Ω to 100kΩ (Depends on exact variant) | | **Case Size** | 0402 (Imperial) / 1005 (Metric) | | **Power Rating** | 0.063 Watts (1/16 W) | | **Tolerance** | ±0.1% (High Precision) | | **Temperature Coefficient (TCR)** | ±25 ppm/°C (Very Stable) | | **Operating Temperature** | -55°C to +155°C | | **Technology** | Thin Film (NiCr) | --- ### 2. Breakdown of the Part Number The part number follows a specific nomenclature used by manufacturers (typically **Susumu** or similar precision resistor specialists): 1. **PCF**: Series designation (Precision Thin Film Chip Resistor). 2. **0402**: Physical size of the component (0.04 x 0.02 inches). 3. **X**: Temperature Coefficient code (often represents ±25ppm/°C). 4. **R**: Resistance value multiplier/position. 5. **B**: Resistance Tolerance (B = ±0.1%). 6. **A**: Performance/Packaging index. --- ### 3. Features and Advantages * **High Precision**: The ±0.1% tolerance ensures that the resistance remains very close to its nominal value, which is vital for voltage dividers and feedback loops. * **Low Noise**: Thin-film technology provides much lower electronic noise compared to thick-film resistors, making it ideal for audio and sensitive measurement circuits. * **Thermal Stability**: With a TCR of ±25 ppm/°C, the resistance value changes very little even when the device heats up during operation. * **Miniaturization**: The 0402 footprint allows for high-density PCB layouts. --- ### 4. Typical Applications * **Medical Devices**: Patient monitoring systems and diagnostic tools. * **Test & Measurement**: Multimeters, oscilloscopes, and sensor interfaces. * **Communication**: Base stations and high-frequency RF circuits. * **Automotive**: Control units requiring high reliability and low drift. --- ### 5. Footprint (0402) Dimensions ```text Length (L): 1.00 ± 0.05 mm Width (W): 0.50 ± 0.05 mm Height (H): 0.35 ± 0.05 mm ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between thin-film and thick-film resistors?
    • ⤷ What are the recommended soldering profiles for 0402 components?
    • ⤷ Can this resistor be used in high-frequency RF applications?