Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PCF1206XR-RBA

  • AI
    The **PCF1206XR-RBA** is a specific part number within the Susumu PCF series of high-precision thin-film resistors. These components are designed for high reliability and stability in demanding environments. ### 1. Part Number Breakdown To understand the electronic characteristics, we can decode the nomenclature: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **PCF** | Series Name | High reliability thin film chip resistor | | **1206** | Case Size | 1206 Imperial (3216 Metric) | | **X** | Temperature Coefficient | ±15 ppm/°C | | **R** | Resistance Value | "R" acts as a decimal point (if numeric) | | **RBA** | Tolerance/Packaging | High precision (usually ±0.1% or better) | --- ### 2. Key Technical Specifications The PCF series is known for its "Nitride-passivated" thin film, which provides excellent resistance to moisture and corrosion. | Parameter | Typical Value | | :--- | :--- | | **Resistance Range** | Commonly 10Ω to 1MΩ (varies by sub-type) | | **Power Rating** | 0.25W (1/4 Watt) at 70°C | | **Operating Temp Range** | -55°C to +155°C | | **Max Working Voltage** | 200V | | **Construction** | Inorganic Passivation (Anti-Sulfur/Moisture) | --- ### 3. Core Electronic Features * **Thin Film Technology:** Unlike thick film resistors, these use a sputtered metal layer on a ceramic substrate, resulting in much lower noise and better linearity. * **Low TCR (Temperature Coefficient of Resistance):** At **±15 ppm/°C**, the resistance value remains extremely stable even as the circuit heats up during operation. * **Long-Term Stability:** The passivation layer prevents the resistive element from oxidizing, ensuring the resistance doesn't "drift" over thousands of hours of use. * **AEC-Q200 Compliant:** Most parts in this series meet automotive quality standards for vibration and thermal shock. --- ### 4. Typical Applications Because of its high precision and reliability, the PCF1206 series is used in: 1. **Medical Equipment:** Precision imaging and diagnostic tools. 2. **Automotive Electronics:** Sensors and Engine Control Units (ECUs). 3. **Industrial Instrumentation:** Measurement devices requiring high accuracy. 4. **Communication Base Stations:** Signal processing circuits.
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value of the PCF1206XR-RBA in ohms?
    • ⤷ How does inorganic passivation protect this resistor compared to standard coatings?
    • ⤷ What are the footprint dimensions for a 1206 metric package?