Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PCF20-R

  • AI
    The **PCF20-R** typically refers to a high-voltage, high-frequency capacitor, often utilized in induction heating systems, resonant circuits, and power electronics. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The PCF series consists of **conduction-cooled power capacitors**. These are designed to handle significant reactive power ($kVar$) while maintaining a compact form factor. The "-R" suffix often denotes a specific mounting configuration or a reinforced design for high-stress environments. ### 2. Key Specifications While exact values can vary by manufacturer (such as Celem or Illinois Capacitor), the typical parameters for a PCF20-R class component are as follows: | Feature | Specification (Typical) | | :--- | :--- | | **Capacitance Range** | 0.05 µF to 2.5 µF | | **Max. Voltage** | 400 Vrms - 700 Vrms | | **Max. Current** | 200 A - 350 A | | **Max. Power** | 200 kVar | | **Frequency Range** | 10 kHz to 1000 kHz | | **Cooling Method** | Conduction Cooled (via heat sink) | --- ### 3. Core Electronic Components & Construction * **Dielectric Material:** Usually utilizes **Polypropylene film**. This material is chosen for its low dissipation factor and high dielectric strength, which prevents overheating during high-frequency oscillations. * **Electrode Structure:** Features heavy-duty internal copper or silver-plated bus bars to minimize **Equivalent Series Resistance (ESR)** and **Equivalent Series Inductance (ESL)**. * **Encapsulation:** The internal parts are housed in a rugged, moisture-resistant casing, often filled with specialized resin to ensure thermal stability and insulation. --- ### 4. Circuit Applications The PCF20-R is primarily found in the following electronic setups: 1. **Resonant Tank Circuits:** Used in LC circuits for induction furnaces to provide the necessary reactive power to the coil. 2. **Impedance Matching:** Helps in matching the output of a high-frequency inverter to a specific load. 3. **High-Power Inverters:** Acts as a snubber or filtering component in large-scale power conversion systems. --- ### 5. Installation Note Because these parts generate significant heat despite their efficiency, they **must** be mounted to a water-cooled or air-cooled bus bar. The flat surface of the capacitor acts as the thermal interface.
    ✨ Follow-up Questions
    • ⤷ What is the difference between conduction-cooled and water-cooled capacitors?
    • ⤷ How do you calculate the kVar requirements for a resonant circuit using a PCF20-R?
    • ⤷ What are the common failure modes for polypropylene film capacitors in high-frequency applications?