Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PCF5-R

  • AI
    The **PCF5-R** is a specific type of electronic component primarily known as a **radial-leaded power choke** or **inductor**, typically manufactured by companies like **Coilcraft** or specialized magnetic component vendors. It is designed for high-current applications and power filtering. --- ## 1. Core Technical Specifications The PCF5 series is categorized by its vertical (radial) orientation and its ability to handle significant DC current without saturating the magnetic core. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Inductor / Choke | | **Lead Style** | Radial (Through-hole) | | **Core Material** | Ferrite or Powdered Iron | | **Inductance Range** | Typically $5.0 \mu H$ to $500 \mu H$ (varies by sub-model) | | **Mounting Type** | PCB Through-Hole | | **Operating Temp** | -40°C to +125°C | --- ## 2. Key Electronic Features ### A. High Saturation Current ($I_{sat}$) The "R" in the series often denotes a specific revision or a "Reduced" profile, but the primary function remains the same: managing high levels of DC current. The PCF5-R is engineered to maintain its inductance value even when high current flows through the coil. ### B. Low DC Resistance (DCR) To minimize power loss (heat) due to $I^2R$ losses, these parts use thick copper windings. This ensures high efficiency in power supply circuits. ### C. Magnetic Shielding While some radial chokes are unshielded, the PCF5 series often utilizes a core geometry that minimizes Electromagnetic Interference (EMI), protecting nearby sensitive components from magnetic fields. --- ## 3. Common Applications The PCF5-R is widely used in power management stages where space is tight but current demands are high: * **Switching Power Supplies (SMPS):** Used as a filter inductor to smooth out ripple current. * **DC-DC Converters:** Acts as the energy storage element in buck or boost converters. * **EMI/RFI Filtering:** Placed in input/output stages to block high-frequency noise. * **Industrial Electronics:** Used in motor controllers and LED drivers. --- ## 4. Physical Dimensions (Typical) ```text Top View Side View _________ _________ | | | | | (O) | | Core | |_________| |_________| | | | | Lead A Lead B ``` The **Radial Lead** configuration (leads exiting from the bottom) is ideal for saving horizontal "real estate" on a Printed Circuit Board (PCB) compared to axial components.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the PCF5-R series?
    • ⤷ How does the PCF5-R compare to surface-mount (SMD) inductors?
    • ⤷ Which manufacturers currently produce the PCF5-R component?