Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PCF8564AUG

  • AI
    ## Overview of the PCF8564AUG The **PCF8564AUG** is a CMOS Real-Time Clock (RTC) and calendar optimized for low power consumption. It is commonly used in battery-operated devices to maintain accurate time and date information even when the main microcontroller is powered down. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface** | I²C-bus (up to 400 kHz) | | **Operating Voltage** | 1.8V to 5.5V | | **Low Current Consumption** | Typically < 0.25 µA at 3.0V | | **Clock Accuracy** | Based on a 32.768 kHz quartz crystal | | **Package Type** | Die-on-wafer or specific small-outline packaging | | **Programmable Output** | Clock output for peripheral devices (32.768 kHz to 1 Hz) | --- ### Core Electronic Components & Features #### 1. Internal Registers The device contains 16 8-bit registers that are addressable via the I²C bus. These are divided into: * **Control and Status:** Manages the start/stop functions and status flags. * **Time/Date:** Seconds, Minutes, Hours, Days, Weekdays, Months, and Years. * **Alarm:** Sets specific time triggers for interrupts. * **CLKOUT frequency:** Configures the frequency of the square wave output. * **Timer:** Controls the countdown timer function. #### 2. Oscillator Circuit The PCF8564AUG requires an external **32.768 kHz crystal**. It includes internal integrated capacitors, which simplifies the PCB design and improves frequency stability. #### 3. Interrupt Logic The device features an **Open-drain Interrupt (INT) pin**. It can be triggered by: * A specific Alarm match (e.g., wake up at 7:00 AM). * Timer expiration. * Event logging (detecting external triggers). #### 4. Century Flag Unlike older RTCs, this chip includes a century flag that toggles when the year overflows from 99 to 00, ensuring long-term date accuracy. --- ### Typical Application Circuit When integrating the PCF8564AUG, the following external components are usually required: ```mermaid graph LR A[Microcontroller] -- I2C (SDA/SCL) --> B[PCF8564AUG] C[32.768 kHz Crystal] -- Oscillation --> B D[Pull-up Resistors] -- 10k Ohm --> B E[Backup Battery/Supercap] -- VDD --> B ``` 1. **I²C Pull-ups:** Necessary for the SDA and SCL lines (usually 4.7kΩ to 10kΩ). 2. **Decoupling Capacitor:** A 0.1µF capacitor placed close to the VDD pin to filter noise. 3. **Crystal:** A standard 32.768 kHz watch crystal connected to OSCI and OSCO pins. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the battery life for a PCF8564AUG based on current consumption?
    • ⤷ What are the primary differences between PCF8564 and the newer PCF8563?
    • ⤷ Can the CLKOUT pin be used to provide a system clock for a microcontroller?