Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PCMB103T-R36MS

  • AI
    ## Technical Overview: PCMB103T-R36MS The **PCMB103T-R36MS** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-current power supplies. It belongs to the **PCMB** series, which is characterized by its molded construction and metal powder core technology. --- ### 1. Key Technical Specifications | Parameter | Value | Details | | :--- | :--- | :--- | | **Inductance** | 0.36 µH | The nominal inductance value. | | **Tolerance** | ±20% (M) | Labeled by the "M" in the part number. | | **DC Resistance (DCR)** | ~1.1 mΩ (Max) | Very low resistance to minimize power loss. | | **Heat Rating Current (Irms)** | ~28.0 A | Current that causes a 40°C temperature rise. | | **Saturation Current (Isat)** | ~40.0 A | Current at which inductance drops by 20-30%. | | **Dimensions** | 10.3 x 11.5 x 3.0 mm | Compact profile for high-density boards. | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the component's physical and electrical properties: * **PCMB**: Series name (Molded Power Inductor). * **103T**: Size code (approx. 10mm x 11mm footprint, "T" often refers to thickness/packaging). * **R36**: Inductance value ($0.36$ microhenries). * **M**: Tolerance ($\pm20\%$). * **S**: Special code (often indicates lead-free/RoHS compliance or specific termination finish). --- ### 3. Core Technologies & Advantages 1. **Molded Construction**: The coil is embedded in a metallic powder composite. This design provides excellent magnetic shielding, reducing Electromagnetic Interference (EMI) that could affect nearby components. 2. **Soft Saturation**: Unlike ferrite core inductors that lose inductance sharply when current limits are exceeded, the PCMB series features a "soft" saturation curve. This makes the circuit more stable during current spikes. 3. **High Efficiency**: The use of flat wire or high-conductivity copper results in an extremely low DCR, which reduces $I^2R$ losses (heat) and improves battery life in portable devices. --- ### 4. Typical Applications * **Voltage Regulator Modules (VRM)**: For CPUs and GPUs in laptops and servers. * **DC/DC Converters**: High-efficiency point-of-load (POL) converters. * **Battery Powered Devices**: Where space is limited and high current handling is required. * **Automotive Electronics**: Infotainment and ADAS systems requiring stable power delivery. --- ### 5. Footprint (Physical Layout) ```text Top View _________________ | | | R36 | <-- Typical Marking | (Date Code) | |_________________| (11.5 mm) ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives from brands like Vishay or TDK?
    • ⤷ How does the 'soft saturation' characteristic benefit a switching power supply?
    • ⤷ What is the recommended solder profile for the PCMB103T series?