Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PCMB104T-R68MS

  • AI
    The **PCMB104T-R68MS** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a class of "molded" inductors known for their high current density and excellent magnetic shielding. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **PCMB** | Series Name | High current, molded power inductor | | **104T** | Size Code | Approx. 11.5mm x 10.0mm x 4.0mm | | **R68** | Inductance Value | **0.68 µH** (R denotes decimal point) | | **M** | Tolerance | **±20%** | | **S** | Standard/Process | Specific manufacturing or material standard | --- ### 2. Key Technical Specifications Based on the standard datasheet for the 104T series (0.68µH): * **Inductance:** 0.68 µH * **DC Resistance (DCR):** Very low, typically around **2.4 mΩ to 3.0 mΩ** (Max). * **Saturation Current (Isat):** Approximately **25A - 30A** (The point where inductance drops by 20-30%). * **Heating Current (Irms):** Approximately **18A - 22A** (The current causing a 40°C temperature rise). * **Operating Temperature:** -55°C to +125°C. --- ### 3. Core Technologies & Features #### A. Carbonyl Iron Powder Core Unlike traditional ferrite drum cores, this part uses a **molded metal powder** technology. The wire coil is placed inside a mold, and iron powder mixed with resin is pressed around it. * **Soft Saturation:** It does not "crash" when current limits are reached; instead, inductance drops gradually. * **Low Noise:** The molded construction reduces "buzzing" (acoustic noise) caused by magnetostriction. #### B. Magnetic Shielding The iron powder body acts as a natural shield. This results in very low EMI (Electromagnetic Interference), making it ideal for densely packed circuit boards near sensitive components. --- ### 4. Common Applications Due to its high current handling and low profile, the PCMB104T-R68MS is typically found in: * **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs in laptops and desktops. * **DC-DC Converters:** High-efficiency point-of-load (POL) power supplies. * **Automotive Electronics:** Infotainment and ADAS systems. * **Servers:** Distributed power systems requiring high reliability. --- ### 5. Layout Recommendations When designing a PCB for this part: 1. **Keep Traces Wide:** Given the 20A+ current capability, use heavy copper pours to prevent trace overheating. 2. **Minimize Loop Area:** Place the inductor as close to the switching IC as possible to reduce EMI. 3. **Thermal Vias:** Use vias under the pads or nearby to help sink heat into the internal PCB ground planes.
    ✨ Follow-up Questions
    • ⤷What is the difference between Isat and Irms for this inductor?
    • ⤷ Can this inductor be used in high-frequency switching above 1MHz?
    • ⤷ What are the equivalent alternative parts from other manufacturers like Vishay or Cyntec?