Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PCS3P73U00AG-08-ST

  • AI
    ## Analysis of PCS3P73U00AG-08-ST The **PCS3P73U00AG-08-ST** is a specialized semiconductor device, primarily classified as a **Spread Spectrum Clock Generator (SSCG)**. It is designed to reduce Electromagnetic Interference (EMI) at the source by modulating the system clock. ### 1. General Specifications Below are the primary technical parameters for this component: | Parameter | Specification | | :--- | :--- | | **Function** | Peak EMI Reduction / Spread Spectrum Clock Generator | | **Supply Voltage (VDD)** | 2.3V to 3.6V | | **Operating Frequency** | 10 MHz to 70 MHz | | **Output Type** | CMOS / TTL | | **Package Type** | SOIC-8 (8-pin Small Outline Integrated Circuit) | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | --- ### 2. Key Internal Components & Features The device functions as a Phase-Locked Loop (PLL) based system. Its internal architecture includes: * **Phase-Locked Loop (PLL):** The core component that synthesizes the output frequency based on the input reference. * **Modulation Logic:** This circuitry introduces a controlled "jitter" or frequency variation (typically ±1.25% or ±1.75%) to spread the energy of the clock signal over a wider bandwidth. * **Input Crystal Oscillator:** Supports either an external clock source or a fundamental mode crystal. * **Power Down (PD#) Pin:** A control pin used to place the device into a low-power state when the clock is not required. --- ### 3. Pin Configuration (SOIC-8) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | XIN/CLKIN | Crystal connection or external reference clock input. | | 2 | XOUT | Crystal connection (leave floating if using external clock). | | 3 | VSS | Ground connection. | | 4 | VDD | Power supply (2.3V - 3.6V). | | 5 | CLKOUT | Modulated spread spectrum clock output. | | 6 | ModOUT | Feedback or secondary output (depending on specific revision). | | 7 | S0 | Frequency/Modulation selection bit 0. | | 8 | S1 | Frequency/Modulation selection bit 1. | --- ### 4. Application Logic The primary reason engineers use this part is to pass regulatory EMI tests (such as FCC or CE). **How it works:** Instead of a sharp, high-energy spike at a single frequency (e.g., 25 MHz), the PCS3P73U00AG-08-ST spreads that energy across a range (e.g., 24.8 MHz to 25.2 MHz). This lowers the peak decibel (dB) level of the radiation without changing the fundamental timing of the digital system. ```c // Conceptual Logic for Frequency Modulation // Fundamental Frequency: f // Spread: Δf // Resulting Spectrum: [f - Δf] to [f + Δf] // Benefit: Peak EMI reduction of 10dB to 15dB ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific modulation rate options for the S0 and S1 selection pins?
    • ⤷ Can this part be used in automotive environments
    • ⤷ or is it strictly commercial?
    • ⤷ How does this compare to a standard non-spread spectrum crystal oscillator in terms of power consumption?