Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PCSFW104B-R22M

  • AI
    The **PCSFW104B-R22M** is a high-current, shielded power inductor typically used in DC-DC converter applications. It belongs to a category of surface-mount (SMD) magnetic components designed for high-density power electronics. --- ### 1. Technical Specifications Below are the primary technical parameters for the **R22M** variant of this series: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.22 µH | | **Tolerance** | ±20% (indicated by 'M') | | **DC Resistance (DCR)** | ~0.80 mΩ (Typical) to 1.10 mΩ (Max) | | **Saturation Current (Isat)** | ~40A to 55A (varies by thermal rise) | | **Operating Temperature** | -40°C to +125°C | | **Material** | Metal Alloy Powder (Composite) | | **Shielding** | Magnetically Shielded | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify its physical and electrical characteristics: * **PCSFW**: Series prefix (Power Inductor, Shielded, Flat Wire or specific alloy series). * **104B**: Dimensions. Usually denotes a footprint of approximately **10mm x 10mm** with a height (B) around **4.0mm**. * **R22**: The inductance value. "R" acts as the decimal point ($0.22$). * **M**: Tolerance code ($M = \pm20\%$). --- ### 3. Key Features and Advantages * **High Current Handling:** Because it uses a metal composite core rather than traditional ferrite, it handles high saturation currents without a sharp drop in inductance. * **Low DCR:** The use of flat wire or heavy-gauge copper minimizes power loss through heat (Joule heating), increasing overall power supply efficiency. * **Low EMI:** The molded construction provides excellent magnetic shielding, reducing electromagnetic interference with surrounding components. * **Soft Saturation:** Unlike ferrite inductors that "crash" (lose inductance rapidly) when over-currented, this part saturates gracefully. --- ### 4. Typical Applications The PCSFW104B-R22M is commonly found in the following circuits: 1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power phases on motherboards. 2. **Point of Load (POL) Converters:** For high-efficiency step-down (Buck) conversion. 3. **Battery Powered Systems:** Where low DC resistance is critical for extending battery life. 4. **Servers and Networking:** High-current power distribution units. ---
    ✨ Follow-up Questions
    • ⤷ How does the R22M compare to a 1R0 inductor in the same series?
    • ⤷ What are the recommended soldering profiles for this SMD inductor?
    • ⤷ Can this inductor be used in high-frequency switching above 2MHz?