Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PCSFW630-R47M

  • AI
    The **PCSFW630-R47M** is a high-performance **Surface Mount Device (SMD) Power Inductor**, typically used in power management circuits. It belongs to a category of shielded power inductors designed for high-density DC-DC converter applications. --- ### 1. Technical Specifications Below are the primary technical parameters associated with this component: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.47 µH (indicated by "R47") | | **Tolerance** | ±20% (indicated by "M") | | **Case Size** | Approx. 6.3 x 6.3 x 3.0 mm (Series 630) | | **Construction** | Magnetic Shielded | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Ferrite | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying its characteristics: * **PCSFW**: The series designation (likely indicating a High-Current, Shielded Ferrite Wire-wound series). * **630**: Dimensions (Width/Length of ~6.3mm and a specific height profile). * **R47**: The inductance value. "R" acts as a decimal point, resulting in **0.47 microhenries (µH)**. * **M**: The tolerance code, representing **±20%**. --- ### 3. Key Features and Applications #### Key Features * **Magnetic Shielding**: The construction minimizes Electromagnetic Interference (EMI), making it suitable for use near sensitive components. * **High Current Capability**: Designed to handle significant saturation currents despite its small footprint. * **Low DCR**: Features low Direct Current Resistance to maximize efficiency and reduce heat generation. #### Typical Applications 1. **DC-DC Converters**: Used in Step-down (Buck) or Step-up (Boost) converters. 2. **Portable Electronics**: Power modules for smartphones, tablets, and laptops. 3. **Communication Equipment**: Distributed power systems and base stations. 4. **Computer Peripherals**: Graphics cards and motherboard VRMs (Voltage Regulator Modules). --- ### 4. Circuit Symbol and Implementation In a schematic, the PCSFW630-R47M is represented by a standard inductor symbol with parallel lines indicating a ferrite core and shielding. ```text L1 (0.47uH) ----(XXXX)---- | (Shielded Core) ```
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the PCSFW630-R47M?
    • ⤷ How does magnetic shielding in this inductor reduce EMI in PCB design?
    • ⤷ Are there pin-compatible alternatives from other manufacturers like TDK or Coilcraft?