Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PD064VT2

  • AI
    ## Overview of the PD064VT2 Display Module The **PD064VT2** is a 6.4-inch Thin Film Transistor Liquid Crystal Display (TFT-LCD) panel, primarily manufactured by **PVI (Prime View International)**, now part of E Ink Holdings. It is commonly used in industrial control systems, medical equipment, and older automotive displays. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Screen Size** | 6.4 inches (Diagonal) | | **Resolution** | 640 × 480 (VGA) | | **Aspect Ratio** | 4:3 | | **Display Mode** | TN (Twisted Nematic), Normally White, Transmissive | | **Active Area** | 129.6 × 97.44 mm | | **Outline Dimensions** | 175.4 × 126.9 mm | | **Interface Type** | TTL (Transistor-Transistor Logic) | | **Backlight Source** | CCFL (Cold Cathode Fluorescent Lamp) | --- ### Core Electronic Components The PD064VT2 consists of several critical electronic sub-systems: #### 1. The LCD Controller Interface The panel utilizes a **TTL 1-port** interface. Unlike modern LVDS or eDP displays, TTL requires a parallel data connection, typically using a 31-pin connector. * **Data Pins:** Responsible for carrying RGB color data. * **Clock (DCLK):** Synchronizes the data transmission. * **Sync Signals:** Includes Hsync (Horizontal) and Vsync (Vertical) to define the frame timing. #### 2. Backlight System (CCFL) Unlike modern LED-backlit screens, the PD064VT2 uses a **CCFL tube**. * **Voltage Requirements:** High AC voltage is required to strike the lamp. * **Inverter Requirement:** An external **DC-to-AC Inverter** is necessary to power the backlight. Connecting the backlight directly to a DC source will destroy the component. #### 3. Driving Voltage (Power Supply) The electronic board on the back of the panel typically requires a logic power supply of **+5.0V (VCC)**. Internal DC-DC converters on the PCB then generate the specific voltages required for the liquid crystal gate drivers (VGH/VGL). --- ### Pin Configuration Summary The 31-pin connector (usually a Hirose or equivalent) is mapped as follows: ```yaml Pin 1-2: GND (Ground) Pin 3: DCLK (Clock) Pin 4-5: Hsync / Vsync Pin 6-11: Red Data (R0-R5) Pin 12-17: Green Data (G0-G5) Pin 18-23: Blue Data (B0-B5) Pin 24-25: GND Pin 26: VCC (+5V Power) Pin 27-31: Control Signals (Display Enable, etc.) ``` --- ### Common Replacement/Repair Issues * **Dim Screen:** Usually caused by a failing CCFL tube or a faulty external inverter. * **No Image:** Often due to a lack of +5V VCC or incorrect timing signals from the TTL controller. * **Modern Conversions:** Many engineers use **TTL-to-LVDS converter boards** to interface this older display with modern Raspberry Pi or industrial PC controllers.
    ✨ Follow-up Questions
    • ⤷ What are the compatible inverter models for the PD064VT2 CCFL backlight?
    • ⤷ How can I convert the PD064VT2 TTL interface to work with HDMI?
    • ⤷ What are the specific timing parameters for the PD064VT2 VGA resolution?